Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 111 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 111 Page - SPANSION

Back Button S71PL254 Datasheet HTML 107Page - SPANSION S71PL254 Datasheet HTML 108Page - SPANSION S71PL254 Datasheet HTML 109Page - SPANSION S71PL254 Datasheet HTML 110Page - SPANSION S71PL254 Datasheet HTML 111Page - SPANSION S71PL254 Datasheet HTML 112Page - SPANSION S71PL254 Datasheet HTML 113Page - SPANSION S71PL254 Datasheet HTML 114Page - SPANSION S71PL254 Datasheet HTML 115Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 196 page
background image
February 25, 2004 pSRAM_Type03_06A0
pSRAM Type 3
111
Advance
I n f o rmatio n
tWC
Write Cycle Time
70
-
ns
tWP
Write Pulse Width
50
-
ns
tAW
Address Valid to End of Write
60
-
ns
tCW
Chip Enable to End of Write
60
-
ns
tBW
Data Byte Control to End of Write
60
-
ns
tAS
Address Set-up Time
0
-
ns
tWR
Write Recovery Time
0
-
ns
tWZH
WE# Low to Output High-Z
-
20
ns
tOW
WE# High to Output in High-Z
5
-
ns
tDW
Data to Write Overlap
35
-
ns
tDH
Data Hold Time
0
-
ns
tWEH
WE# High Time
5
10
ns
Table 33. AC Test Conditions
Parameter
Condition
Output load
50 pF + 1 TTL Gate
Input pulse level
0.4 V, 2.4
Timing measurements
0.5 × VCC
tR, tF
5 ns
Note: Including scope and jig capacitance
Figure 33. AC Test Loads
Table 32. AC Characteristics and Operating Conditions (TA = -25°C to 85°C, VDD = 2.6 to 3.3V) (Continued)
Cycle
Symbol
Parameter
70
Unit
Min
Max
CL
RL = 50 Ω
Z0= 50 Ω
DOUT
VL = 1.5 V
= 50 pF (see Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com