Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 115 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 115 Page - SPANSION

Back Button S71PL254 Datasheet HTML 111Page - SPANSION S71PL254 Datasheet HTML 112Page - SPANSION S71PL254 Datasheet HTML 113Page - SPANSION S71PL254 Datasheet HTML 114Page - SPANSION S71PL254 Datasheet HTML 115Page - SPANSION S71PL254 Datasheet HTML 116Page - SPANSION S71PL254 Datasheet HTML 117Page - SPANSION S71PL254 Datasheet HTML 118Page - SPANSION S71PL254 Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 196 page
background image
February 25, 2004 pSRAM_Type03_06A0
pSRAM Type 3
115
Advance
I n f o rmatio n
Figure 40. Deep Power-down Mode
Figure 41. Power-up Mode
Note: The S71JL064HA0 Model 61 has a timing that is not supported at read operation. Data will be lost if your system
has multiple invalid address signal shorter than tRC during over 15µs at the read operation shown above.
Figure 42. Abnormal Timing
Normal Operation
Normal Operation
1 µs
Suspend
Wake Up
Deep Power
Down Mode
200 µs
CE2
Mode
CE1#
200 s
VCC
CE2
CE1#
µ
< tRC
CE1#
WE#
Address
> 15µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com