Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 119 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 119 Page - SPANSION

Back Button S71PL254 Datasheet HTML 115Page - SPANSION S71PL254 Datasheet HTML 116Page - SPANSION S71PL254 Datasheet HTML 117Page - SPANSION S71PL254 Datasheet HTML 118Page - SPANSION S71PL254 Datasheet HTML 119Page - SPANSION S71PL254 Datasheet HTML 120Page - SPANSION S71PL254 Datasheet HTML 121Page - SPANSION S71PL254 Datasheet HTML 122Page - SPANSION S71PL254 Datasheet HTML 123Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 196 page
background image
August 30, 2004 pSRAM_Type04_18A0
pSRAM Type 4
119
Advance
I n f o rmatio n
Table 36. Switching Characteristics
Notes:
1. Test conditions assume signal transition time of 1V/ns or higher, timing reference levels of VCC(typ.) /2, input pulse levels of
0 to VCC(typ.), and output loading of the specified IOL/IOH and 30 pF load capacitance.
2. tHZOE, tHZCE, tHZBE and tHZWE transitions are measured when the outputs enter a high-impedance state.
3. High-Z and Low-Z parameters are characterized and are not 100% tested.
4. To achieve 55-ns performance, the read access should be CE# controlled. In this case tACE is the critical parameter and tSK is
satisfied when the addresses are stable prior to chip enable going active. For the 70-ns cycle, the addresses must be stable
within 10 ns after the start of the read cycle.
5. The internal write time of the memory is defined by the overlap of WE#, CE#1 = VIL, CE2 = VIH, BHE and/or BLE =VIL. All
signals must be Active to initiate a write and any of these signals can terminate a write by going Inactive. The data input set-
up and hold timing should be referenced to the edge of the signal that terminates write.
Parameter
Description
Min
Max
Unit
Read Cycle
tRC
Read Cycle Time
70
ns
tAA
Address to Data Valid
70
tOHA
Data Hold from Address Change
10
tACE
CE#1 Low and CE2 High to Data Valid
70
tDOE
OE# Low to Data Valid
35
tLZOE
OE# Low to Low Z (note 2, 3)
5
tHZOE
OE# High to High Z (note 2, 3)
25
tLZCE
CE#1 Low and CE2 High to Low Z (note 2, 3)
5
tHZCE
CE#1 High and CE2 Low to High Z (note 2, 3)
25
tDBE
BHE# / BLE# Low to Data Valid
70
tLZBE
BHE# / BLE# Low to Low Z (note 2, 3)
5
tHZBE
BHE# / BLE# High to High Z (note 2, 3)
25
tSK (note 4)
Address Skew
10
Write Cycle (note 5)
tWC
Write Cycle Time
70
ns
tSCE
CE#1 Low an CE2 High to Write End
55
tAW
Address Set-Up to Write End
55
tHA
Address Hold from Write End
0
tSA
Address Set-Up to Write Start
0
tPWE
WE# Pulse Width
55
tBW
BLE# / BHE# LOW to Write End
55
tSD
Data Set-up to Write End
25
tHD
Data Hold from Write End
0
tHZWE
WE# Low to High Z (note 2, 3)
25
tLZWE
WE# High to Low Z (note 2, 3)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com