Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 117 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 117 Page - SPANSION

Back Button S71PL254 Datasheet HTML 113Page - SPANSION S71PL254 Datasheet HTML 114Page - SPANSION S71PL254 Datasheet HTML 115Page - SPANSION S71PL254 Datasheet HTML 116Page - SPANSION S71PL254 Datasheet HTML 117Page - SPANSION S71PL254 Datasheet HTML 118Page - SPANSION S71PL254 Datasheet HTML 119Page - SPANSION S71PL254 Datasheet HTML 120Page - SPANSION S71PL254 Datasheet HTML 121Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 196 page
background image
August 30, 2004 pSRAM_Type04_18A0
pSRAM Type 4
117
Advance
I n f o rmatio n
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Temperature with Power Applied . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage to Ground Potential . . . . . . . . . . . . . . . . . . . . . -0.4V to 4.6V
DC Voltage Applied to Outputs in High-Z
State (note 1, 2, 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 3.7V
DC Input Voltage (note 1, 2, 3) . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 3.7V
Output Current into Outputs (Low). . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Static Discharge Voltage . . . . . . . . . >2001V (per MIL-STD-883, Method 3015)
Latch-up Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >200 mA
Notes:
1. VIH(MAX) = VCC + 0.5V for pulse durations less than 20 ns.
2. VIL(MIN) = –0.5V for pulse durations less than 20 ns.
3. Overshoot and undershoot specifications are characterized and are not 100% tested.
Operating Range
Table 35. DC Electrical Characteristics (Over the Operating Range)
Notes:
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC =
VCC(typ.), TA = 25°C.
Ambient Temperature (TA)
VCC
-25°C to +85°C
2.7V to 3.3V
Parameter
Description
Test Conditions
Min.
Typ.
(note 1)
Max
Unit
VCC
Supply Voltage
2.7
3.3
V
VOH
Output High Voltage
IOH = –1.0 mA
VCC - 0.4
VOL
Output Low Voltage
IOL = 0.1 mA
0.4
VIH
Input High Voltage
0.8 * VCC
VCC + 0.4
VIL
Input Low Voltage
F = 0
-0.4
0.4
IIX
Input Leakage Current
GND ≤ VIN ≤ VCC
-1
+1
µA
IOZ
Output Leakage Current
GND ≤ VOUT ≤ VCC, Output Disabled
-1
+1
ICC
VCC Operating Supply Current
f = fMAX = 1/tRC
VCC = 3.3V
IOUT = 0 mA
CMOS Levels
TBD
15
mA
f = 1 MHz
3
ISB1
Automatic CE# Power-Down
Current—CMOS Inputs
CE# ≥ VCC – 0.2V, CE2 ≤ 0.2V
VIN ≥ VCC – 0.2V, VIN ≤ 0.2V,
f = fmax (Address and Data Only),
f=0 (OE#, WE#, BHE# and BLE#)
250
µA
ISB2
Automatic CE# Power-Down
Current—CMOS Inputs
CE# ≥ VCC – 0.2V, CE2 ≤ 0.2V
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V,
f = 0, VCC = 3.3V
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com