Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 156Page - National Semiconductor (TI) CS5530A Datasheet HTML 157Page - National Semiconductor (TI) CS5530A Datasheet HTML 158Page - National Semiconductor (TI) CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 259 page
background image
www.national.com
160
Revision 1.1
Register Descriptions (Continued)
Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
7:6
Reserved: Set to 0.
5
Codec SDATA_IN SMI: Allow AC97 codec to generate an SMI due to codec producing a positive edge on SDATA_IN.
0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[2].
4
Video Speedup: Any video activity, as decoded from the serial connection (PSERIAL register, bit 0) from the GX-series pro-
cessor disables clock throttling (via SUSP#/SUSPA# handshake) for a configurable duration when the system is power man-
aged using CPU Suspend modulation. 0 = Disable; 1 = Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-
standard, but it does allow the power management routines to support an external VGA chip.
3
IRQ Speedup: Any unmasked IRQ (per I/O Port 021h/0A1h) or SMI disables clock throttling (via SUSP#/SUSPA# hand-
shake) for a configurable duration when the system is power managed using CPU Suspend modulation.
0 = Disable; 1 = Enable.
The duration of the speedup is configured in the IRQ Speedup Timer Count Register (F0 Index 8Ch).
2
Traps: Globally enable all power management device I/O traps. 0 = Disable; 1 = Enable.
This excludes the audio I/O traps. They are enabled at F3BAR+Memory Offset 18h.
1
Idle Timers: Globally enable all power management device idle timers. 0 = Disable; 1 = Enable.
Note, disable at this level does not reload the timers on the enable. The timers are disabled at their current counts.
This bit has no effect on the Suspend Modulation OFF/ON Timers (F0 Index 94h/95h), nor on the General Purpose (UDEFx)
Timers (F0 Index 88h-8Bh). This bit must be set for the command to trigger the SUSP#/SUSPA# feature to function (see F0
Index AEh).
0
Power Management: Global power management. 0 = Disable; 1 = Enabled.
This bit must be set (1) immediately after POST for some power management resources to function. Until this is done, the
command to trigger the SUSP#/SUSPA# feature is disabled (see F0 Index AEh) and all SMI# trigger events listed for
F0 Index 84h-87h are disabled. A ‘0’ in this bit does NOT stop the Idle Timers if bit 1 of this register is a ‘1’, but only prevents
them from generating an SMI# interrupt. It also has no effect on the UDEF traps.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com