Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 152Page - National Semiconductor (TI) CS5530A Datasheet HTML 153Page - National Semiconductor (TI) CS5530A Datasheet HTML 154Page - National Semiconductor (TI) CS5530A Datasheet HTML 155Page - National Semiconductor (TI) CS5530A Datasheet HTML 156Page - National Semiconductor (TI) CS5530A Datasheet HTML 157Page - National Semiconductor (TI) CS5530A Datasheet HTML 158Page - National Semiconductor (TI) CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 259 page
background image
www.national.com
156
Revision 1.1
Register Descriptions (Continued)
1
F4 Video Configuration Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access is attempted to one of the F4 PCI header registers, an SMI is generated instead.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
0
F3 Audio Configuration Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access is attempted to one of the F3 PCI header registers, an SMI is generated instead.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[5].
Index 43h
USB Shadow Register (R/W)
Reset Value = 03h
7
Reserved: Set to 0.
6
Enable SA20: Pin AD22 configuration. 0 = GPIO4; 1 = SA20. If bit 6 or bit 2 is set to 1, then pin AD22 = SA20.
5
Legacy Cycles Assert HOLD_REQ#: Allow legacy cycles to cause HOLD_REQ# to be asserted. 0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disable).
4
Read Cycles Assert HOLD_REQ#: Allow read cycles to cause HOLD_REQ# to be asserted. 0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disable).
3
Any Cycle Asserts HOLD_REQ#: Allow any cycle to cause HOLD_REQ# to be asserted. 0 = Disable; 1 = Enable.
Note: The HOLD_REQ# signal function is no longer applicable, this bit must remain at its reset value (i.e., disable).
2
Enable SA[23:20]: Pins AF23, AE23, AC21, and AD22 configuration. 0 = GPIO[7:4]; 1 = SA[23:20].
If F0 Index 43h bit 6 or bit 2 is set to 1, then pin AD22 = SA20.
1
PCI Retry Cycles: When the CS5530A is a PCI target and the PCI buffer is not empty, allow the PCI bus to retry cycles.
0 = Disable; 1 = Enable.
This bit works in conjunction with PCI bus delayed transactions bit. F0 Index 42h[5] must = 1 for this bit to be valid.
0
USB Core: 0 = Disable; 1 = Enable.
Index 44h
Reset Control Register (R/W)
Reset Value = 01h
7
ISA Mode: This bit is set to read back the strap value of the INTR pin (pin P26) during POR.
0 = ISA Limited; 1 = ISA Master.
This bit can be written after POR# deasserts to change the ISA mode selected. However, writing to this bit is not recom-
mended due to the actual strapping done on the board.
6
IDSEL Mode: This bit is set to read back the strap value of the HOLD_REQ# pin (pin H26) during POR.
0 = AD28 is IDSEL for Chipset Register Space and AD29 is IDSEL for USB Register Space;
1 = AD26 is IDSEL for Chipset Register Space and AD27 is IDSEL for USB Register Space.
This bit can be written after POR# deasserts to change the IDSEL settings. However, writing to this bit is not recommended
due to the actual strapping done on the board.
5:4
Clock 32K Control: Controls the source of the CLK_32K pin (AE3).
00 = CLK_32K is internally derived from CLK_14MHZ (pin P24) and is not output on pin AE3 (Default)
01 = CLK_32K is internally derived from CLK_14MHZ (pin P24) and is output on pin AE3
10 = CLK_32K is an input
11 = Invalid
3
IDE Controller Reset: Reset both of the CS5530A IDE controllers’ internal state machines. 0 = Run; 1 = Reset.
This bit is level-sensitive and must be explicitly cleared to 0 to remove the reset.
2
IDE Reset: Reset IDE bus. 0 = Deassert IDE bus reset signal; 1 = Assert IDE bus reset signal.
This bit is level-sensitive and must be explicitly cleared to 0 to remove the reset.
1
PCI Reset: Reset PCI bus. 0 = Disable; 1 = Enable.
When set, the CS5530A PCI_RST# output signal (pin C14) is asserted and all devices on the PCI bus including PCIUSB
are reset. No other function within the CS5530A is affected by this bit. It does not reset PCI registers.
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
0
X-Bus Warm Start: Reading and writing this bit has two different meanings/functions.
Reading this bit: Has a warm start occurred since power-up? 0 = Yes; 1 = No
Writing this bit: 0 = NOP; 1 = Execute system wide reset (used only for clock configuration at power-up).
Note: X-Bus warm start will toggle the CPU_RST and PCI_RST# lines.
Index 45h-4Fh
Reserved
Reset Value = 00h
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com