Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT8601
6
8601fa
For more information www.linear.com/LT8601
Typical perForMance characTerisTics
Full Frequency Waveforms
Light Load Waveforms
TRKSS Pull-Up Current vs Voltage
RST Pull-Up Current vs Voltage
Power-On Reset Time vs CPOR
Switching Frequency vs RT
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V, unless otherwise noted.
Switching Frequency
vs Temperature
Minimum On-Time vs ISW
Minimum Off-Time vs ISW
TEMPERATURE (°C)
10
–10
–30
–50
30 50 70 90 110 130 150
10
–2
0
–6
–8
–4
2
4
6
8
10
8601 G10
RT = 30k
RT = 60k
RT = 250k
RST VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
–30
–20
–10
0
10
8601 G12
CPOR (pF)
0
2000
4000
6000
8000
10000
0
100
50
150
200
250
350
300
400
8601 G13
RT (kΩ)
25 50 75 100 125 150 175 200 225 250 275
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
8601 G14
VOUT1 = 5V
VOUT2 = 3.3V
VOUT3 = 1.8V
200ns/DIV
VSW1
10V/DIV
VSW2
10V/DIV
VSW3
2V/DIV
8601 G15
SWITCH CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
8601 G17
CHANNEL 2
CHANNEL 1
5µs/DIV
VOUT
20mV/DIV
VSW
5V/DIV
CHANNEL 1
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
IL
0.5A/DIV
8601 G16
SWITCH CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
8601 G18
CHANNEL 2
CHANNEL 1
TRKSS VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
–3
–2
–1
0
1
8601 G11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com