Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT8601
8
8601fa
For more information www.linear.com/LT8601
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V, unless otherwise noted.
Typical perForMance characTerisTics
Channel 2 Start-Up and Dropout,
RL = 20Ω
Channel 1 Start-Up and Dropout,
RL = 20Ω
Channel 2 Start-Up and
Dropout, RL = 2Ω
Channel 1 Start-Up and Dropout,
RL = 3.3Ω
100ms/DIV
2V/DIV
8601 G28
VOUT1
VIN
100ms/DIV
2V/DIV
8601 G29
VOUT1
VIN
100ms/DIV
2V/DIV
8601 G30
VOUT2
VIN
100ms/DIV
2V/DIV
8601 G31
VOUT2
VIN
Channel 1 Full Frequency VIN
vs Load Current
Channel 2 Full Frequency VIN
vs Load Current
Channel 3 Full Frequency VIN
vs Load Current
RT = 28.7k
FULL FREQUENCY
REGION (2MHz)
VOUT = 3.3V
VOUT = 5V
IOUT (A)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
0
5
10
15
20
25
30
35
40
45
Vin vs Load Current
8601 G32
RT = 28.7k
FULL FREQUENCY
REGION (2MHz)
VOUT = 3.3V
VOUT = 5V
IOUT (A)
0
0.3 0.7 1.0 1.3 1.6 1.9 2.3 2.6
0
5
10
15
20
25
30
35
40
45
Vin vs Load Current
8601 G33
RT = 28.7k, VOUT = 1.2V
FULL FREQUENCY
REGION (2MHz)
IOUT (A)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vin vs Load Current
8601 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com