Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT8601
7
8601fa
For more information www.linear.com/LT8601
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V, unless otherwise noted.
Channel 3 RDS(ON)
vs Temperature
Feedback Voltage vs Temperature
EN/UVLO Current vs Voltage
Channel 3 Minimum
Off-Time vs ISW
Channel 1 RDS(ON)
vs Temperature
Channel 2 RDS(ON)
vs Temperature
Typical perForMance characTerisTics
Channel 3 Minimum
On-Time vs ISW
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
40
50
60
70
80
90
8601 G19
CHANNEL 1
ISW = 1A
CHANNEL 2
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
60
70
80
90
100
8601 G20
CHANNEL 1
CHANNEL 2
ISW = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
100
200
300
400
500
8601 G23
BOTTOM FET
TOP FET
ISW1 = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
100
200
300
400
8601 G24
TOP FET
BOTTOM FET
ISW2 = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
50
100
150
200
250
300
8601 G25
TOP FET
BOTTOM FET
ISW3 = 1A
VEN/UVLO (V)
0
5
10 15 20 25 30 35 40 45
0.0
0.5
1.0
1.5
2.0
2.5
3.0
8601 G27
CHANNELS 1, 2
CHANNEL 3
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.990
0.995
1.000
1.005
1.010
0.790
0.795
0.800
0.805
0.810
8601 G26
PVIN3 = 2.6V
PVIN3 = 3.3V
PVIN3 = 5.5V
ISW (A)
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
0
18
36
54
72
90
108
126
144
162
180
Channel 3 Minimum On–Time vs ISW
8601 G21
ISW (A)
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
40
46
52
58
64
70
76
82
88
94
100
Channel 3 Minimum Off–Time vs ISW
8601 G22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com