Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 25 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology LT8601 Datasheet HTML 25Page - Linear Technology LT8601 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
LT8601
25
8601fa
For more information www.linear.com/LT8601
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
06/17
Clarified Resitor Value for 2MHz Switching.
Clarified Channels 1, 2, 3 Feedback Voltage Limits.
Clarified RUN3 Threshold Upper Limits.
Clarified RST Pull-Up Current.
Clarified RT Value on Bottom Graphs.
Clarified Conditions for EMI Performance Graphs.
Clarified INTVCC (Pin 28) Description.
Clarified BST and SW Pin Considerations Paragraph.
Clarified Mode Selection and Synchronization Paragraph.
Clarified Values in Power-On Reset Timer Paragraph.
Clarified Sequencing Paragraph.
3
3, 4
4
4
8
9
10
16
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com