Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 3 Page - Linear Technology

  LT8601 Datasheet HTML 1Page - Linear Technology LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8601
3
8601fa
For more information www.linear.com/LT8601
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
l
2.7
3
V
Minimum Operating Voltage to Start
l
3.1
3.5
V
VIN Quiescent Current, Shutdown
EN/UVLO = 0.4V
0.1
1
µA
VIN Quiescent Current, Operating
All Channels Active, No Load (Note 4)
All Channels Active,100µA on VOUT2 (Note 4)
30
70
µA
µA
EN/UVLO Threshold
EN/UVLO Rising
EN/UVLO Falling
l
l
1.15
1.0
1.2
1.15
1.25
1.2
V
V
EN/UVLO Input Current
EN/UVLO = 1.2V, VIN = 42V
−
40
40
nA
Oscillator
Switching Frequency
RT = 28.7k
l
1.8
2
2.2
MHz
RT = 254k
l
0.225
0.25
0.275
MHz
SYNC Input Frequency Range
l
0.25
2.2
MHz
SYNC Input Voltage Low
l
0.3
V
SYNC Input Voltage High
l
1.2
V
SYNC Input Current
−
100
100
nA
Channel 1
Feedback Voltage
l
0.988
1
1.012
V
Input Current FB1
l
−
100
100
nA
FB1 Voltage Line Regulation
VIN = 3V to 42V
0.002
0.01
%/V
SW1 Peak Current Limit
VIN = PVIN1 = PVIN2 = 6V
2.3
2.7
3.0
A
SW1 Leakage Current
0.1
1
µA
SW1 Top On Resistance
ISW1 = 1A
240
mΩ
SW1 Bottom On Resistance
ISW1 = 1A
170
mΩ
Lower FB1 Power Good Threshold
Percentage of VFB1
l
89
92
95
%
Upper FB1 Power Good Threshold
Percentage of VFB1
l
105
108
111
%
PG1 Output Voltage Low
IPG1 = –350μA
l
0.13
0.3
V
PG1 Leakage Current
PG1 = 5V, FB1 = 1V
l
30
μA
TRKSS1 Pull-Up Current
TRKSS1 = 0.2V
1.5
2.4
3.1
μA
Minimum Switch-On Time
ISW1 = 1A
60
ns
Minimum Switch-Off Time
ISW1 = 1A
70
ns
Channel 2
Feedback Voltage
l
0.988
1
1.012
V
Input Current FB2
l
−
100
100
nA
FB2 Voltage Line Regulation
VIN = 3V to 42V
0.002
0.01
%/V
SW2 Peak Current Limit
VIN = PVIN1 = PVIN2 = 6V
3.5
4.0
4.5
A
SW2 Leakage Current
0.1
1
µA
SW2 Top On Resistance
ISW2 = 1A
150
mΩ
SW2 Bottom On Resistance
ISW2 = 1A
100
mΩ
Lower FB2 Power Good Threshold
Percentage of VFB2
l
89
92
95
%
Upper FB2 Power Good Threshold
Percentage of VFB2
l
105
108
111
%
PG2 Output Voltage Low
IPG2 = –350µA
l
0.13
0.3
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V, PVIN3 = 3.3V unless otherwise
noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com