Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 26 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology LT8601 Datasheet HTML 25Page - Linear Technology LT8601 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT8601
26
8601fa
For more information www.linear.com/LT8601
LINEAR TECHNOLOGY CORPORATION 2016
LT 0617 REV A • PRINTED IN USA
www.linear.com/LT8601
PART NUMBER
DESCRIPTION
COMMENTS
LT8602
42V, Quad Output (2.5A+1.5A+1.8A+1.8A) 95% Efficiency, 2.2MHz
Synchronous Micropower Step-Down DC/DC Converter with IQ = 25µA
VIN = 3V to 42V, VOUT(MIN)= 0.8V, IQ = 25µA, ISD < 1µA,
6mm × 6mm QFN-40 Package
LT3507/LT3507A
36V, 2.7A + 1.8A + 1.8A + LDO Controller, 2.5MHz, High Efficiency,
Triple Output Step-Down DC/DC Converter
VIN = 4V to 36V, VOUT(MIN) = 0.8V, IQ = 7mA, ISD < 1µA,
5mm × 7mm QFN
LT8640
42V, 6A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.985V, IQ = 2.5µA,
ISD < 1µA, 3mm × 4mm QFN
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.985V, IQ = 2.5µA,
ISD < 1µA, 3mm × 4mm QFN
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.985V, IQ = 2.5µA,
ISD < 1µA, 3mm × 6mm QFN
LT8610/LT8610A/
LT8610AB/LT8610AC
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.985V, IQ = 2.5µA,
ISD < 1µA, MSOP-16E
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous Micropower
Step-Down DC/DC Converter with IQ = 2.5µA and Input/Output
Current Limit/Monitor
VIN = 3.4V to 42V, VOUT(MIN) = 0.985V , IQ = 2.5µA,
ISD < 1µA, 3mm × 5mm QFN-24
relaTeD parTs
Typical applicaTion
Wide Range Input Stepped Down to 5V, 2.5V and 8V (Delayed)
Start-Up Sequence
8601 TA04
OUT1
8V, 1.5A
C1
47µF
C12
4.7µF
R12
287k
R1
1000k
L1
4.7µH
R2
143k
GND
SW1
EN/UVLO
UVLO = 9.6V
VIN
VIN
10V TO 24V
TRANSIENTS
TO 42V
BST1
LT8601
RST
FB1
C7
0.1µF
PVIN1
C11
10µF
R11
2M
PVIN2
OUT2
5V, 1A
THE MAX CURRENT
ON OUT2 IS
I(OUT2) = 2.5A – IPVIN3 – IBIAS
C2
47µF
R3
549k
L2
2.2µH
R4
137k
SW2
BST2
FB2
C8
0.1µF
INTVCC
RT
SWITCHING FREQUENCY = 2.2MHz
C9
4.7µF
OUT3
2.5V, 1.8A
C3
47µF
R5
243k
R6
115k
L3
1µH
SW3
FB3
C10
330pF
PVIN3
BIAS
C5
4.7µF
TRKSS1
C13
2700pF
C14
1000pF
TRKSS2
RUN3
PG1
OUT2
PG2
PG3
SYNC
POREN
CPOR
R10
20k
R8
20k
R9
26.1k
CFF3
10pF
CFF2
10pF
CFF1
10pF
INTVCC
2ms/DIV
VOUT1
5V/DIV
VOUT2
5V/DIV
VOUT3
2V/DIV
RST
2V/DIV
8601 TA04b
START-UP SEQUENCE:
CH2 SOFT-STARTS;
THEN CH3 TURNS ON;
THEN POR TIMER STARTS;
AFTER POR TIMES OUT, THEN
CH1 STARTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com