Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 2 Page - Linear Technology

  LT8601 Datasheet HTML 1Page - Linear Technology LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8601
2
8601fa
For more information www.linear.com/LT8601
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VIN, PVIN1,2............................................ –0.3V to 42V
PVIN3 ....................................................... –0.3V to 6V
PG1-3, SYNC, TRKSS1-2,
RUN3, RST Voltages ...................................................6V
RT, FB1-3, CPOR, POREN Voltages..........................3.6V
EN/UVLO Voltage......................................................42V
BIAS Voltage.............................................. –0.3V to 15V
Operating Junction Temperature (Notes 2 and 3)
LT8601E............................................. –40°C to 125°C
LT8601I.............................................. –40°C to 125°C
Storage Temperature Range .............. –65°C to 150°C
(Note 1)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
PG1
GND
SW1
BST1
BST2
SW2
SW2
GND
GND
BIAS
GND
RT
INTVCC
GND
FB1
FB2
FB3
VIN
EN/UVLO
TRKSS1
21
30
10
1
θJA = 33°C/W, θJC = 2°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8601EUJ#PBF
LT8601EUJ#TRPBF
LT8601
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LT8601IUJ#PBF
LT8601IUJ#TRPBF
LT8601
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT8601#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com