Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 16 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT8601
16
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
Output Capacitor Selection
The output capacitor performs two functions. First, it fil-
ters the inductor current to generate an output with low
voltage ripple. Second, it stores energy to minimize over-
shoot during transient loads. Because the LT8601 oper-
ates at a high frequency, minimal output capacitance is
necessary. The control loop operates well with or without
the presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
and small circuit size, are therefore an option.
You can estimate output ripple with the following
equations:
VRIPPLE =
ΔIL
8 • fS •COUT
, for ceramic
VRIPPLE = ∆IL • ESR, for aluminum or tantalum.
where VRIPPLE is the peak-to-peak output ripple, fS is the
switching frequency in MHz, ∆IL is the peak-to-peak ripple
current in the inductor, COUT is the output capacitor value
in µF and ESR is the output capacitor series resistance.
Another constraint on the output capacitor is that it must
have greater energy storage than the inductor. When the
load current steps from high to low, the stored energy
in the inductor transfers to the output and the resulting
voltage step should be small compared to the regulation
voltage. For a 5% overshoot, this requirement indicates:
COUT ≥10•L •
ILIM
VOUT
⎛
⎝
⎜
⎞
⎠
⎟
2
where ILIM is the maximum switch current limit. For
applications that intend to operate near minimum on-
time, larger output capacitance values may be required
to minimize output voltage ripple than described by the
equations in this section.
The low ESR and small size of ceramic capacitors make
them the preferred type for LT8601 applications. Not
all ceramic capacitors are the same, however. Many of
the higher value capacitors use poor dielectrics with
high temperature and voltage coefficients. In particular,
Y5V and Z5U types lose a large fraction of their capaci-
tance with applied voltage and at temperature extremes.
Because loop stability and transient response depend on
the value of COUT, this loss may be unacceptable. Use
X7R or X5R types.
Electrolytic capacitors are also an option. The ESRs of
most aluminum electrolytic capacitors are too large to
deliver low output ripple. Tantalum, as well as newer,
lower-ESR, organic electrolytic capacitors intended for
power supply use are suitable. Chose a capacitor with a
low enough ESR for the required output ripple. Because
the volume of the capacitor determines its ESR, both the
size and the value will be larger than a ceramic capacitor
that would give similar ripple performance. One benefit
is that the larger capacitance may give better transient
response for large changes in load current. Table 3 lists
several capacitor vendors.
Table 3. Low ESR Capacitor Vendors
VENDOR
SERIES
TYPE
Murata
www.murata.com
Ceramic
TDK
www.tdk.com
Ceramic
Kemet
www.kemet.com
T494, T495
T510, T520, T525, T530
A700
Ceramic
Tantalum
Tantalum Organic Polymer
Alum. Organic Polymer
Panasonic
www.panasonic.com SP-CAP
Ceramic
Alum. Organic Polymer
AVX
www.avx.com
TPS, TES, TCH
Ceramic
Tantalum
BST and SW Pin Considerations
The high voltage channels require a voltage above PVIN
to drive the gates of the top NFET switches. Connect an
external capacitor between the BST and SW pins. An
internal MOS switch connects BST to the internal INTVCC
supply during the switch off-cycles. Then BST is boosted
to approximately 3.3V above SW during the switch on-
cycles. In most cases, a 0.1μF capacitor will work well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com