Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT8601
12
8601fa
For more information www.linear.com/LT8601
operaTion
The LT8601 is a triple channel, constant frequency, cur-
rent mode, monolithic buck switching regulator with
power-on reset. All channels are synchronized to a single
oscillator. Two of the channels are high voltage capable
(up to 42V input) while the other is low voltage capable
(up to 5.5V input) and is typically powered from the high
voltage buck outputs.
Start-Up
When enabled by setting the EN/UVLO voltage above its
threshold, the LT8601 starts charging the INTVCC capaci-
tor from VIN. If BIAS is higher than 3.2V, BIAS supplies
current to the INTVCC regulator to reduce VIN quiescent
current.
High Voltage Buck Regulators
Each high voltage channel is a synchronous buck regu-
lator that operates from an independent PVIN pin. The
internal top power MOSFET is turned on at the beginning
of each oscillator cycle, and turned off when the current
flowing through the top MOSFET reaches a level deter-
mined by the error amplifier. The error amplifier measures
the output voltage through an external resistor divider
tied to the FB pin to control the peak current in the top
switch. The reference of the error amplifier is determined
by the lower of the internal 1V reference and the voltage
at its TRKSS pin.
While the top MOSFET is off, the bottom MOSFET is
turned on for the remainder of the oscillator cycle or until
the inductor current starts to reverse. If overload condi-
tions result in more than 2A for channel 1 or 3.3A for
channel 2 flowing through the bottom switch, the next
clock cycle will be delayed until switch current returns
to a safe level.
Low Voltage Buck Regulator
The low voltage channel is a synchronous buck regulator
that operates from an independent PVIN pin. The PVIN pin
has an undervoltage lockout set at 2.35V (typical). Each
internal top power MOSFET is turned on at the beginning
of each oscillator cycle, and turned off when the current
flowing through the top MOSFET reaches a level deter-
mined by the error amplifier. The error amplifier measures
the output voltage through an external resistor divider tied
to the FB pin to control the peak current in the top switch.
The reference of the error amplifier is an internal 800mV
reference. The low voltage channel has a RUN pin to allow
power sequencing and an internal soft-start circuit ramps
the output voltage up in 1ms.
While the top MOSFET is off, the bottom MOSFET is
turned on for the remainder of the oscillator cycle or until
the inductor current starts to reverse. If overload condi-
tions result in more than 2.4A flowing through the bottom
switch, the next clock cycle will be delayed until switch
current returns to a safe level.
Multiphase Switching
The oscillator generates two clock signals 180° out of
phase. Channel 1 operates from CLK1, while channels
2 and 3 operate from CLK2. Since a buck regulator only
draws input current during the top switch on-cycle, mul-
tiphase operation reduces peak input current and doubles
the input current frequency. These effects reduce input
current ripple and reduce the input capacitance required.
Light Load Operation
At light load, the regulators operate in low ripple Burst
Mode operation. Low ripple Burst Mode operation shuts
down most internal circuitry between switch on-cycles
to conserve power while still retaining low ripple at the
output.
Undervoltage Lockout
The EN/UVLO pin is used to put the LT8601 in shutdown,
reducing the input current to less than 1μA. The accurate
1.2V (rising) threshold of the EN/UVLO pin provides a pro-
grammable VIN undervoltage lockout through an external
resistor divider tied to the EN/UVLO pin. A 50mV (typical)
hysteresis voltage on the EN/UVLO pin prevents switch-
ing noise from inadvertently shutting down the LT8601.
Power Good Comparators
Each channel has a power good comparator that trips
when the feedback pin is above or below its reference
voltage by more than 8%. The PG output pins are open-
drain. The PG pin for each channel is pulled low when the
corresponding output is out of regulation. The PG outputs
are not valid until INTVCC rises to 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com