Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 4 Page - Linear Technology

  LT8601 Datasheet HTML 1Page - Linear Technology LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT8601
4
8601fa
For more information www.linear.com/LT8601
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V, PVIN3 = 3.3V unless otherwise
noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PG2 Leakage Current
PG2 = 5V, FB2 = 1V
l
30
µA
TRKSS2 Pull-Up Current
TRKSS2 = 0.2V
1.5
2.4
3.1
µA
Minimum Switch-On Time
ISW2 = 2A
55
ns
Minimum Switch-Off Time
ISW2 = 2A
70
ns
Channel 3
Operating Voltage
l
2.6
5.5
V
Feedback Voltage
l
790
800
810
mV
Input Current FB3
l
–100
100
nA
FB3 Voltage Line Regulation
VIN = 3V to 42V
0.002
0.01
%/V
SW3 Current Limit
2.6
3.2
3.8
A
SW3 Leakage
PVIN3 = 5.5V
0.1
1
µA
SW3 PMOS On Resistance
ISW3 = 1A
150
mΩ
SW3 NMOS On Resistance
ISW3 = 1A
120
mΩ
Lower FB3 Power Good Threshold
Percentage of VFB3
l
89
92
95
%
Upper FB3 Power Good Threshold
Percentage of VFB3
l
105
108
111
%
PG3 Output Voltage Low
IPG3 = –350μA
l
0.13
0.3
V
PG3 Leakage Current
PG3 = 5V, FB3 = 0.8V
l
30
µA
RUN3 Threshold Voltage
l
0.695
0.72
0.74
V
RUN3 Input Current
RUN3 = 3.3V
l
–100
100
nA
Soft-Start Time
l
0.7
1
1.3
ms
Minimum Switch-On Time
ISW3 = 1A
70
ns
Minimum Switch-Off Time
ISW3 = 1A
70
ns
PVIN3 UVLO
l
2.35
2.6
V
Power-On Reset
CPOR Pull-Up Current
CPOR = 0V
2
μA
POR Delay Time
CPOR = 1000pF
l
31
35.2
39.4
ms
RST Output Voltage Low
IRST = –100μA
l
0.1
0.2
V
RST Pull-Up Current
POR Timed Out, RST = 0V
20
μA
RST Leakage Current
RST = 6V, EN/UVLO = 0V
–40
40
nA
POREN Threshold
l
1.15
1.2
1.25
V
POREN Pull-Up Current
POREN = 0V
0.8
1.2
1.6
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8601E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8601I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
above 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum junction temperature will reduce
lifetime.
Note 4: All three channels enabled as shown in the application circuit
titled, “Details of the Front Page Application” (using the 1MHz component
values) found in the Typical Application section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com