Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 10 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT8601
10
8601fa
For more information www.linear.com/LT8601
pin FuncTions
BIAS (Pin 10): Power to the Internal Regulator. Connect
to an output ≥ 3.2V when available. Decouple to ground
with a low ESR capacitor.
BST1, BST2 (Pins 4, 5): Boost Voltage for High Voltage
Channels. The Boost Voltage provides a drive voltage
higher than PVIN to the gate of the NMOS top switch.
CPOR (Pin 31): Power-On Reset Timer. Connect a capaci-
tor from this pin to ground to program the power-on reset
timer. CPOR has a 2μA (typical) pull-up current.
EN/UVLO (Pin 22): Enable/Undervoltage Lockout Input.
The LT8601 is in low power shutdown when this pin is
≤ 0.4V. A precision threshold at 1.20V (rising) enables
the switching regulator’s output switching stages. This
allows the EN/UVLO pin to be used as an input undervolt-
age lockout by connecting to a resistor divider between
VIN and GND. When the EN/UVLO voltage is between 0.4V
and 1.2V, the LT8601 input current will depend on the
mode selected, the VIN voltage, and the EN/UVLO voltage.
Connect this pin to VIN if the UVLO function is not needed.
FB1, FB2 (Pins 26, 25): Feedback Input Pins for the High
Voltage Converters. The converters regulate the corre-
sponding feedback pin to the lesser of 1V or the voltage
on the associated TRKSS pin.
FB3 (Pin 24): Feedback Input Pin for the Low Voltage
Converter. The converter regulates the corresponding
feedback pin to 800mV.
GND (Pins 2, 8, 9, 13, 16, 27, 30, 34, 35, 38, 40, 41):
Ground. These pins must be soldered to PCB ground.
The exposed pad must also be soldered to PCB ground.
INTVCC (Pin 28): Internal Regulator Bypass. Do not load
the INTVCC pin with external circuitry. INTVCC is 3.1V
when BIAS < 3.1V, 3.4V when BIAS > 3.4V, and approxi-
mately equal to BIAS when BIAS is between 3.1V and
3.4V. Decouple to ground with a low ESR, 4.7μF capacitor.
PG1, PG2 (Pins 1, 11): Power Good Indicators for Channels
1 and 2. Open-drain logic output pulls down until the corre-
sponding FB pin rises above 0.92V but remains below 1.08V.
PG3 (Pin 12): Power Good Indicator for Channel 3. Open-
drain logic output pulls down until the corresponding FB
pin rises above 0.736V but remains below 0.864V.
POREN (Pin 39): Power-On Reset Enable. This is a logic
input that starts the ramp on the POR timing capacitor.
PVIN1, PVIN2 (Pins 37, 14): Input Supply Voltage to High
Voltage Channels 1 and 2, respectively. These pins are
independent and can be powered from different sources
if necessary. Bypass each input with a low ESR capacitor
to the adjacent GND pin.
PVIN3 (Pin 17): Input Supply Voltage to Low Voltage
Channel 3. This pin is typically connected to one of the
high voltage converter outputs and should be locally
bypassed with a low ESR capacitor.
RST (Pin 32): Power-On Reset Output. CMOS output with
weak pull-up, this pin is held low until the POR times out.
RT (Pin 29): Frequency Programming Resistor. Connect
a resistor from this pin to ground to set the internal oscil-
lator frequency.
RUN3 (Pin 18): Run Input for the Low Voltage Converter.
Channel 3 is enabled when the voltage on this pin exceeds
0.72V (typical).
SW1 (Pin 3): Channel 1 Switch Node. This is the output
of the internal power switches for channel 1.
SW2 (Pins 6, 7): Channel 2 Switch Node. This is the out-
put of the internal power switches for channel 2. These
pins must be connected together.
SW3 (Pin 15): Channel 3 Switch Node. This is the output
of the internal power switches for channel 3.
SYNC (Pin 33): Clock Synchronization and Mode Select
Input. Connect this pin to ground to enable low ripple
Burst Mode operation. Connect this pin to INTVCC to
enable pulse skip operation. Apply a digital clock input to
synchronize the LT8601 switching frequency to a refer-
ence clock. When an external clock is applied, the LT8601
will operate in pulse-skipping mode.
TRKSS1, TRKSS2 (Pins 21, 20): Track/Soft-Start Inputs
for the High Voltage Converters. When this pin is below
1V, the converter regulates the FB pin to the TRKSS volt-
age instead of the internal reference. The TRKSS pin has
a 2.4μA (typical) pull-up current.
VIN (Pin 23): Input Supply Voltage to Internal Functions.
This pin is independent from any PVIN pin and can be
powered from different sources if necessary. VIN must
be above 3V for the part to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com