Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT8601
11
8601fa
For more information www.linear.com/LT8601
block DiagraM
8601 BD
2.4µA
1V
FB2
ILIM2
+
–
ERROR
AMPLIFIER
BST1
BST2
LOOP
COMPENSATION
+
1.08V
0.92V
TRKSS2
PG2
SYNC
RT
GND
RUN3
SW2
PVIN2
ILIM2
ILIM3
ILIM1
LOGIC
CLK2
CLK2
CLK1
+
–
GND
DRIVER
DRIVER
DRIVER
CURRENT
SENSE
COMPARATOR
CURRENT
SENSE
COMPARATOR
REVERSE
CURRENT
COMPARATOR
CURRENT
SENSE
COMPARATOR
REVERSE
CURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
1V
0.8V
INTVCC
CLK2
CLK1
SS3
2.4µA
SS3
1V
0.8V
FB1
SW3
PVIN3
TRKSS1
PG1
GND
SW1
PVIN1
GND
FB3
ILIM1
ILIM3
ERROR
AMPLIFIER
ERROR
AMPLIFIER
1.08V
0.92V
0.86V
0.74V
PG3
+
–+
+
–
+
–
+
–
+
–
+
–
CPOR
BIAS
+
–+
LOOP
COMPENSATION
LOOP
COMPENSATION
OSCILLATOR
INTVCC
VIN
REGULATOR
RST
POREN
POWER-ON
RESET
EN/UVLO
ENABLE
REFERENCE
LOGIC
LOGIC
+
–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com