Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 18 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT8601
18
8601fa
For more information www.linear.com/LT8601
Figure 5. Burst Mode Operation SW Waveforms with All
Channels in Burst Mode Operation
applicaTions inForMaTion
Reverse Protection
In battery charging applications or in battery backup sys-
tems, an output will be held high by the battery when
the input to the LT8601 is absent. If the VIN and PVIN
pins are floated and the LT8601 is enabled, the internal
circuitry will pull its quiescent current through the SW
pin of the output that is held high. This is acceptable if
the system can tolerate a small current (< 100µA) in this
state. If the LT8601 is disabled, the SW pin current will
drop to essentially zero. However, if the VIN or PVIN pin is
grounded while the output is held high, an external diode
is required at the VIN/PVIN pin to prevent current being
pulled out of the VIN/PVIN pin. An example is shown in
Figure 3. In this case, both OUT1 and OUT3 are held high
by batteries. PVIN1 and PVIN3 must be diode protected if
they are connected to external supplies.
Mode Selection and Synchronization
To select low ripple Burst Mode operation, the SYNC
pin should be connected to a voltage below 0.3V such
as ground. To select pulse-skipping operation, connect
the SYNC pin to an available voltage above 1.2V such as
INTVCC.
To synchronize the LT8601 to an external frequency, drive
the SYNC pin with a square wave between 20% and 80%
duty cycle with a high voltage above 1.2V and a low volt-
age below 0.3V. If the negative or positive pulse widths
are less than 140ns, use a high voltage above 1.4V and a
low voltage below 0.2V. The LT8601 will not enter Burst
Mode operation at low output loads while synchronized
to an external clock but instead will pulse skip to main-
tain regulation. The LT8601 may be synchronized over
a 250kHz to 2.2MHz range. The RT resistor should be
chosen to set the LT8601 switching frequency equal to
the synchronization input. If a range of frequencies is
Figure 3. Reverse Protection Diodes
Figure 4. Burst Mode Operation SW Waveforms with Oscillator
Running
8601 F03
OUT3
OUT1
GND
FB3
SW3
SW1
EN/UVLO
VIN
IN
BST1
LT8601
PVIN3
RUV1
RUV2
FB1
+
–
+
–
PVIN1
IN3
1µs/DIV
VSW1
10v/DIV
VSW2
10V/DIV
VSW3
2V/DIV
8601 F04
100ms/DIV
VERT
5V/DIV
VSW3
VSW2
VSW1
8601 F05
Burst Mode Operation
To improve efficiency at light loads, the LT8601 automati-
cally switches to Burst Mode operation which minimizes
the switching loss and keeps the output voltage ripple
small. In Burst Mode operation, most of the circuits are
shut down between switch-on bursts to minimize power
loss. If at least one channel remains full frequency, the
oscillator remains on and all bursts are synchronized to
the appropriate phase of the oscillator (Figure 4). If all
three channels go into Burst Mode operation, the oscilla-
tor will also shut off between bursts with a further savings
in power (Figure 5). Because the channels of the LT8601
may have different loads, channels can have different
switching frequencies when in Burst Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com