Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 1 Page - Linear Technology

  LT8601 Datasheet HTML 1Page - Linear Technology LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8601
1
8601fa
For more information www.linear.com/LT8601
Typical applicaTion
FeaTures
DescripTion
42V Triple Monolithic
Synchronous Step-Down Regulator
The LT®8601 is a triple channel, current mode, monolithic
buck switching regulator with a programmable power-on
reset. All regulators are synchronized to a single oscillator
with an adjustable frequency from 250kHz to 2.2MHz. The
LT8601 can be configured for micropower Burst Mode or
pulse-skipping operation at light load. Micropower opera-
tion results in quiescent current of 30µA with all three
regulators operating as shown in the application below
with no load applied.
The high voltage channels are synchronous buck regula-
tors that operate from an input of 3.0V to 42V. The output
currents are up to 1.5A (OUT1) and 2.5A (OUT2). The
low voltage channel operates from an input of 2.6V to
5.5V. Internal synchronous power switches provide high
efficiency with output currents up to 1.8A. The LT8601
uses a 2-phase clock with channel 1 operating 180° from
channels 2 and 3 to reduce input ripple current on both
HV and LV inputs. All channels have cycle-by-cycle cur-
rent limit, providing protection against shorted outputs.
Thermal shutdown provides additional protection.
The LT8601 is available in a 40-lead 6mm × 6mm QFN
package.
Automotive Input Stepped Down to 5V, 3.3V and 1.8V Outputs at 2MHz
applicaTions
n
Flexible Power Supply System Providing Three
Outputs Over a Wide Input Voltage Range
n
Two High Voltage Synchronous Buck Regulators
n
3V to 42V Input Voltage Range
n
Output Currents Up to 2.5A and 1.5A
n
High Efficiency Up to 93%
n
One Low Voltage Synchronous Buck Regulator
n
2.6V to 5.5V Input Voltage Range
n
Output Current Up to 1.8A and 95% Efficiency
n
Resistor Programmable and Synchronizable
from 250kHz to 2.2MHz Switching Frequency
n
Low Ripple Burst Mode® Operation
n
30µA IQ at 12VIN to 3.3VOUT2
n
Output Ripple < 15mV
n
Programmable Power-On Reset
n
Power Good Indicators
n
2-Phase Clock Reduces Input Current Ripple
n
Available in Thermally Enhanced 40-Lead QFN
(6mm × 6mm) Package
n
Automotive Systems
n
Distributed Supply Regulation
n
Industrial Controls and Power Supplies
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Analog Devices, Inc. All other trademarks are the property of their respective owners.
HV Channel Efficiency, VOUT1 = 5V
LV Channel Efficiency, VOUT3 = 1.8V
8601 TA01a
GND
VIN
IN
6V TO 24V,
TRANSIENTS
TO 42V
LT8601
POREN
PVIN1
PVIN2
EN/UVLO
OUT3
1.8V, 1.8A
SW3
FB3
BST1
OUT1
5V, 1.5A
SW1
FB1
BST2
OUT2
3.3V, 1A*
SW2
FB2
BIAS
PVIN3
INTVCC
CPOR
TRKSS1, 2
RT
SYNC
RST
PG1-3
RUN3
2
3
3.3H
1H
1H
22F
47F
22F
*IMAX = 2.5A – IPVIN3 – IBIAS
OUT2
EFFICIENCY
fSW = 1MHz
fSW = 2MHz
LOAD CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
POWER
LOSS
8601 TA01b
VIN = 12V
LOAD CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8601 TA01c
EFFICIENCY
fSW = 1MHz
fSW = 2MHz
POWER
LOSS


Similar Part No. - LT8601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
logo
Analog Devices
LT8601 AD-LT8601 Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT8601 AD-LT8601 Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results

Similar Description - LT8601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com