Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 20 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT8601
20
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
work when using sequencing; simply connect the capaci-
tor to the TRKSS pin as usual, connect an external pull-
up resistor of value 10k or less, and use the desired PG
output to short the cap. A sequencing example is shown
in Figure 7.
In this example, channel 1 starts first, and soft-starts
according to the cap on TRKSS1. Once OUT1 has reached
regulation, channel 2 soft-starts. When OUT2 is good,
channel 3 starts up. When OUT3 is in regulation, then the
POR timer is started. One caution when connecting RUN
pins to TRKSS pins: the TRKSS channel will start ramping
immediately, but the RUN channel will not start until the
voltage reaches the RUN threshold.
The EN/UVLO has two thresholds enabling three regions
of operation. When EN/UVLO is below the shutdown
threshold, the LT8601 is in low power shutdown and
draws less than 1µA from VIN. The shutdown threshold
is typically between 0.4V and 1.1V. When the EN/UVLO is
above the shutdown threshold but below the undervoltage
threshold, the internal bias circuitry starts but the regu-
lators' output switches are disabled. The input current
in this region typically ranges between 1µA and 400µA
depending on several factors including the mode selected
and the voltage at VIN. When the EN/UVLO is above the
undervoltage threshold, normal operation is active.
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 8 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT8601’s PVIN pins, GND pins, and
the input capacitors. The loop formed by the input capaci-
tor should be as small as possible by placing the capacitor
close to the PVIN pin and the adjacent GND pin. When
using a physically large input capacitor, the resulting loop
may become too large in which case using a small case/
value capacitor placed close to the PVIN and GND pins
plus a larger capacitor further away is preferred. These
components, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane under the application cir-
cuit on the layer closest to the surface layer. The SW and
BOOST nodes should be as small as possible. Finally, keep
the FB and RT nodes small so that the ground traces will
shield them from the SW and BOOST nodes. The exposed
pad on the bottom of the package must be soldered to
ground to provide a good electrical connection as well
as a good thermal connection so that the PCB can act as
a heat sink. To keep thermal resistance low, extend the
ground plane as much as possible, and add thermal vias
under and near the LT8601 to additional ground planes
within the circuit board and on the bottom side.
Figure 8. Recommended PCB Layout
8601 F08
L1
L3
CIN2
CIN1
CIN3
CBST1
CBST2
COUT1
VOUT1
VOUT2
VOUT3
COUT2
COUT3
L2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com