Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 17 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT8601
17
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
Soft-Start
The LT8601 has a soft-start pin for each high voltage
channel and internal soft-start for each low voltage chan-
nel. The low voltage channel soft-start is set to 1ms.
On the high voltage channels, the feedback pin voltage
is regulated to the lower of the corresponding TRKSS
pin and the internal reference of 1V. A capacitor from the
TRKSS pin to ground is charged by an internal 2.4μA cur-
rent source resulting in an output ramping linearly from
0V to the regulated voltage. The duration of the ramp is:
tSS =CTRKSS •
1V
2.4µA
where tSS is the ramping time in seconds and CTRKSS is
the capacitance on the TRKSS pin in F.
The TRKSS pin is pulled down through approximately
200Ω at start-up until INTVCC has reached operating volt-
age. It is also pulled down when an undervoltage condi-
tion is detected by either the internal lockout on PVIN or
the programmable EN/UVLO pin.
The TRKSS pin can be used to allow the output of one reg-
ulator to track the output of another regulator. To achieve
coincident tracking, connect a resistor divider, RTR1 and
RTR2, from the master output to ground and tie the RTR1,
RTR2 common node to the TRKSS pin of slave regulator.
To achieve ratiometric tracking, connect both TRKSS1 and
TRKSS2 to a single capacitor to ground. Figure 2 shows
the output waveforms for both coincident and ratiometric
tracking. Note: Pulling TRKSS1 and TRKSS2 to ground
does not guarantee the respective channel will never dis-
play a switching cycle.
For applications with a startup sequence that requires a
PG pin be tied to a TRKSS input, a 10k or less resistor
must be used as an external pull-up. The soft-start time
with this configuration can be approximated by:
tSS = 0.5 • RPULLUP • CTRKSS
A more exact formula, that includes the dependence on
the pull-up voltage, VPULLUP, is given by:
tSS = RPULLUP • CTRKSS • Loge
VPULLUP
VPULLUP –1
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
Figure 2. Example Tracking Output Waveforms
TIME
(2a) Coincident Tracking
VOUT1
VOUT2
TIME
8601 F02
(2b) Ratiometric Tracking
VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com