Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology LT8601 Datasheet HTML 25Page - Linear Technology LT8601 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT8601
22
8601fa
For more information www.linear.com/LT8601
Typical applicaTions
Details of Front Page Application
Start-Up Sequence
8601 TA02a
OUT1
5V, 1.5A
C1
22µF
C12
4.7µF
R1
453k
L1
3.3µH
R2
113k
GND
SW1
EN/UVLO
VIN
VIN
6V TO 24V
TRANSIENTS
TO 42V
BST1
LT8601
RST
FB1
C7
0.1µF
PVIN1
C11
10µF
PVIN2
OUT2
3.3V, 1A
THE MAX CURRENT ON OUT2 IS
I(OUT2) = 2.5A – IPVIN3 – IBIAS
C2
47µF
R3
316k
L2
1.0µH
R4
137k
SW2
BST2
FB2
C8
0.1µF
INTVCC
RT
THE VALUES SHOWN ARE FOR 2MHz OPERATION. FOR 1MHz OPERATION, MAKE THE FOLLOWING CHANGES:
L1 = 6.2H, CFF1 = 4.7pF, L2 = 2.7H, L3 = 2.2H, R9 = 60.4k.
AT 1MHz OPERATION, THE INPUT VOLTAGE RANGE IS 6V TO 42V.
C9
4.7µF
CFF1
10pF
CFF2
22pF
OUT3
1.8V, 1.8A
C3
22µF
R5
249k
R6
200k
L3
1.0µH
SW3
FB3
PVIN3
BIAS
C5
4.7µF
TRKSS1
C13
2200pF
TRKSS2
RUN3
PG1
OUT2
PG2
PG3
SYNC
POREN
CPOR
CFF3
10pF
R10
20k
R9
28.7k
Start–Up Sequence
200µs/DIV
VOUT1
5V/DIV
VOUT2
5V/DIV
VOUT3
2V/DIV
8601 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com