Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 64 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 64 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 60Page - Linear Technology LTM4677 Datasheet HTML 61Page - Linear Technology LTM4677 Datasheet HTML 62Page - Linear Technology LTM4677 Datasheet HTML 63Page - Linear Technology LTM4677 Datasheet HTML 64Page - Linear Technology LTM4677 Datasheet HTML 65Page - Linear Technology LTM4677 Datasheet HTML 66Page - Linear Technology LTM4677 Datasheet HTML 67Page - Linear Technology LTM4677 Datasheet HTML 68Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
LTC3884/LTC3884-1
64
3884fe
For more information www.linear.com/LTC3884
PolyPhase Configuration
WhenconfiguringaPolyPhaserailwithmultipleLTC3884s,
the user must share the SYNC, ITH, ITHR, SHARE_CLK,
FAULT, and ALERT pins of these parts. Be sure to use pull-
up resistors on FAULT, SHARE_CLK and ALERT. One of
the part’s SYNC pins must be set to the desired switching
frequency,andallotherFREQUENCY_SWITCHcommands
must be set to External Clock. If an external oscillator is
provided, set the FREQUENCY_SWITCH command to
External Clock for all parts. The relative phasing of all
the channels should be spaced equally. The MFR_RAIL_
ADDRESSofallthedevicesshouldbesettothesamevalue.
WhenconnectingaPolyPhaserailwithLTC3884s,connect
the VIN pins of the LTC3884s directly back to the supply
voltage through the VIN pin filter networks.
Master Slave Operation
LTC3884(asMaster)canworkwithLTC3874(asslave)very
efficientlytodeliververylargeoutputcurrents.LTC3874is
a very small simple device, which has two current loops,
but no PMBus, and no voltage loops.
Both LTC3884 and LTC3874 devices are mainly designed
for low DCR applications, and with the same relationship
between VITH vs VISENSE (see Figure 40).
Figure 40 is the schematic of a 3+1 application using a
LTC3884 and a LTC3874. LTC3884 channel 0 provides
VOUT0 of 1.5V and 30A output current, and channel 1
together with channel 0 and channel 1 in the LTC3874
to provide VOUT1 of 1.0V, with 90A output current. Both
chips are programmed to be LOW DCR configuration, and
channel1 of LTC3884 and channel 0/1 of the LTC3874 are
programmed to have the same current limit. Connecting
ITH1 of LTC3884 with ITH0 and ITH1 of LTC3874 together
forms three current loops. The voltage loop inside the
LTC3884 regulates ITH1, which then regulates all three
current loops with the same gain and current limit, and
ultimately delivers the same amount of current per phase.
Programming the phase of each channel properly, these
three channels form a perfect PolyPhase configuration.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com