Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 52 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 52 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 48Page - Linear Technology LTM4677 Datasheet HTML 49Page - Linear Technology LTM4677 Datasheet HTML 50Page - Linear Technology LTM4677 Datasheet HTML 51Page - Linear Technology LTM4677 Datasheet HTML 52Page - Linear Technology LTM4677 Datasheet HTML 53Page - Linear Technology LTM4677 Datasheet HTML 54Page - Linear Technology LTM4677 Datasheet HTML 55Page - Linear Technology LTM4677 Datasheet HTML 56Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
LTC3884/LTC3884-1
52
3884fe
For more information www.linear.com/LTC3884
APPLICATIONS INFORMATION
2. After the TON_MAX_FAULT_LIMIT time has expired
and both VOUT_UV_FAULT and IOUT_OC_FAULT are
not present.
The maximum rise time is limited to 1.3 seconds.
In a PolyPhase configuration it is recommended only one
of the control loops have the digital servo mode enabled.
This will assure the various loops do not work against each
other due to slight differences in the reference circuits.
VOUT will decay at the natural rate determined by the load
impedance. If the controller is in discontinuous mode, the
controller will not pull negative current and the output
will be pulled low by the load, not the power stage. The
maximum fall time is limited to 1.3 seconds. The shorter
TOFF_FALL time is set, the larger the discrete steps in the
TOFF_FALL ramp will appear. The number of steps in the
ramp is equal to TOFF_FALL/0.1ms.
TOFF_FALL
TOFF_DELAY
TIME
3884 F31
VOUT
Figure 31. TOFF_DELAY and TOFF_FALL
SOFT OFF (SEQUENCED OFF)
In addition to a controlled start-up, the LTC3884 also sup-
portscontrolledturn-off.TheTOFF_DELAYandTOFF_FALL
functionsareshowninFigure31.TOFF_FALLisprocessed
when the RUN pin goes low or if the part is commanded
off. If the part faults off or FAULTn is pulled low externally
and the part is programmed to respond to this, the output
will three-state rather than exhibiting a controlled ramp.
The output will decay as a function of the load. The output
voltage will operate as shown in Figure 31 so long as the
part is in forced continuous mode and the TOFF_FALL
time is sufficiently slow that the power stage can achieve
the desired slope. The TOFF_FALL time can only be met if
the power stage and controller can sink sufficient current
to assure the output is at zero volts by the end of the fall
time interval. If the TOFF_FALL time is set shorter than
the time required to discharge the load capacitance, the
output will not reach the desired zero volt state. At the end
of TOFF_FALL, the controller will cease to sink current and
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
200-400ms
DIGITAL SERVO
MODE ENABLED FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMIT
TON_RISE
TIME
3884 F30
TON_DELAY
VOUT
Figure 30. Timing Controlled VOUT Rise
INTVCC/EXTVCC POWER
Power for the top and bottom MOSFET drivers and most
other internal circuitry are derived from the INTVCC pin.
When the EXTVCC pin is shorted to GND or tied to a volt-
age less than 4.7V, or VIN is lower than 7V, an internal
5.5V linear regulator supplies INTVCC power from VIN. If
EXTVCC is taken above 4.7V and VIN is higher than 7V,
the 5.5V regulator is turned off and an internal switch is
turned on connecting EXTVCC to INTVCC. EXTVCC can be
appliedbeforeVIN.Theregulatorcansupplyapeakcurrent
of 100mA. Both INTVCC and EXTVCC need to be bypassed
to ground with a minimum of 1μF ceramic capacitor or
low ESR electrolytic capacitor. No matter what type of bulk
capacitor is used, an additional 0.1μF ceramic capacitor
placed directly adjacent to the INTVCC and GND pins is
highly recommended. Good bypassing is needed to sup-
ply the high transient currents required by the MOSFET
gate drivers.
High input voltage application in which large MOSFETs
are being driven at high frequencies may cause the
maximum junction temperature rating for the LTC3884



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com