Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 12Page - Linear Technology LTM4677 Datasheet HTML 13Page - Linear Technology LTM4677 Datasheet HTML 14Page - Linear Technology LTM4677 Datasheet HTML 15Page - Linear Technology LTM4677 Datasheet HTML 16Page - Linear Technology LTM4677 Datasheet HTML 17Page - Linear Technology LTM4677 Datasheet HTML 18Page - Linear Technology LTM4677 Datasheet HTML 19Page - Linear Technology LTM4677 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
LTC3884/LTC3884-1
16
3884fe
For more information www.linear.com/LTC3884
TYPICAL PERFORMANCE CHARACTERISTICS
Underlock Voltage vs Temperature
VOUT Command DNL
VOUT Command INL
VOUT Error vs VOUT
IOUT Error vs IOUT
Input Current Error vs Input Current
RISING
FALLING
TEMPERATURE (°C)
–55
–10
35
80
125
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
4.00
3884 G28
VOUT (V)
0.5
1.5
2.5
3.5
4.5
5.5
–0.30
–0.22
–0.15
–0.07
0.00
0.08
0.15
0.23
0.30
3884 G29
VOUT (V)
0.50
1.50
2.50
3.50
4.50
5.50
–1.00
–0.50
0
0.50
1.00
1.50
2.00
3884 G30
VOUT (V)
0.5
1.5
2.5
3.5
4.5
5.5
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
3884 G31
IOUT (A)
0.1
8.0
16.0
24.0
32.0
40.0
–10.00
–7.14
–4.29
–1.43
1.43
4.29
7.14
10.00
3884 G32
RIINSNS = 5mΩ
INPUT CURRENT(A)
0
3
5
8
10
–3
–2
–2
–1
0
0
1
2
2
3884 G33
TA = 25°C, VIN = 12V, L = 0.33µH, DCR = 0.32mΩ, EXTVCC = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com