Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 42 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology LTM4677 Datasheet HTML 41Page - Linear Technology LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology LTM4677 Datasheet HTML 44Page - Linear Technology LTM4677 Datasheet HTML 45Page - Linear Technology LTM4677 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
LTC3884/LTC3884-1
42
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE PAGE
TON_RISE
0x61 Time from when the output starts to rise
until the output voltage reaches the VOUT
commanded value.
R/W Word
Y
L11
ms
Y
8.0
0xD200
89
TON_MAX_FAULT_LIMIT 0x62 Maximum time from the start of TON_RISE for
VOUT to cross the VOUT_UV_FAULT_LIMIT.
R/W Word
Y
L11
ms
Y
10.00
0xD280
90
TON_MAX_FAULT_
RESPONSE
0x63 Action to be taken by the device when a TON_
MAX_FAULT event is detected.
R/W Byte
Y
Reg
Y
0xB8
95
TOFF_DELAY
0x64 Time from RUN and/or Operation off to the start
of TOFF_FALL ramp.
R/W Word
Y
L11
ms
Y
0.0
0x8000
90
TOFF_FALL
0x65 Time from when the output starts to fall until
the output reaches zero volts.
R/W Word
Y
L11
ms
Y
8.00
0xD200
90
TOFF_MAX_WARN_
LIMIT
0x66 Maximum allowed time, after TOFF_FALL
completed, for the unit to decay below 12.5%.
R/W Word
Y
L11
ms
Y
150.0
0xF258
91
STATUS_BYTE
0x78 One byte summary of the unit’s fault condition.
R/W Byte
Y
Reg
NA
104
STATUS_WORD
0x79 Two byte summary of the unit’s fault condition.
R/W Word
Y
Reg
NA
104
STATUS_VOUT
0x7A Output voltage fault and warning status.
R/W Byte
Y
Reg
NA
105
STATUS_IOUT
0x7B Output current fault and warning status.
R/W Byte
Y
Reg
NA
105
STATUS_INPUT
0x7C Input supply fault and warning status.
R/W Byte
N
Reg
NA
106
STATUS_TEMPERATURE 0x7D External temperature fault and warning status
for READ_TEMERATURE_1.
R/W Byte
Y
Reg
NA
106
STATUS_CML
0x7E Communication and memory fault and warning
status.
R/W Byte
N
Reg
NA
107
STATUS_MFR_SPECIFIC
0x80 Manufacturer specific fault and state
information.
R/W Byte
Y
Reg
NA
107
READ_VIN
0x88 Measured input supply voltage.
R Word
N
L11
V
NA
110
READ_IIN
0x89 Measured input supply current.
R Word
N
L11
A
NA
110
READ_VOUT
0x8B Measured output voltage.
R Word
Y
L16
V
NA
110
READ_IOUT
0x8C Measured output current.
R Word
Y
L11
A
NA
110
READ_TEMPERATURE_1 0x8D External temperature sensor temperature. This
is the value used for all temperature related
processing, including IOUT_CAL_GAIN.
R Word
Y
L11
C
NA
110
READ_TEMPERATURE_2 0x8E Internal die junction temperature. Does not
affect any other commands.
R Word
N
L11
C
NA
110
READ_FREQUENCY
0x95 Measured PWM switching frequency.
R Word
Y
L11
Hz
NA
110
READ_POUT
0x96 Measured output power
R Word
Y
L11
W
N/A
110
READ_PIN
0x97 Calculated input power
R Word
Y
L11
W
N/A
111
PMBus_REVISION
0x98 PMBus revision supported by this device.
Current revision is 1.2.
R Byte
N
Reg
0x22
101
MFR_ID
0x99 The manufacturer ID of the LTC3884 in ASCII.
R String
N
ASC
LTC
101
MFR_MODEL
0x9A Manufacturer part number in ASCII.
R String
N
ASC
LTC3884 101
MFR_VOUT_MAX
0xA5 Maximum allowed output voltage including
VOUT_OV_FAULT_LIMIT.
R Word
Y
L16
V
5.7
0x5B33
85
MFR_PIN_ACCURACY
0xAC Returns the accuracy of the READ_PIN command
R Byte
N
%
5.0%
111
USER_DATA_00
0xB0 OEM RESERVED. Typically used for part
serialization.
R/W Word
N
Reg
Y
NA
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com