Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 69 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 69 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 65Page - Linear Technology LTM4677 Datasheet HTML 66Page - Linear Technology LTM4677 Datasheet HTML 67Page - Linear Technology LTM4677 Datasheet HTML 68Page - Linear Technology LTM4677 Datasheet HTML 69Page - Linear Technology LTM4677 Datasheet HTML 70Page - Linear Technology LTM4677 Datasheet HTML 71Page - Linear Technology LTM4677 Datasheet HTML 72Page - Linear Technology LTM4677 Datasheet HTML 73Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
LTC3884/LTC3884-1
69
3884fe
For more information www.linear.com/LTC3884
APPLICATIONS INFORMATION
The power dissipation on the topside MOSFET can be eas-
ily estimated. Choose a INFINEON BSC050NE2LS topside
MOSFET. RDS(ON) = 7.1mΩ, CMILLER = 35pF. At maximum
input voltage with T estimated = 75°C and a bottom side
MOSFET a INFINEON BSC010NE2LSI, RDS(ON) = 1.1mΩ:
PMAIN =
1.5V
20V
• 30A
( )2 • 1+ 0.005
(
) 75°C–25°C
(
)
⎡⎣
⎤⎦
•0.0071
Ω+ 20V
( )2 30A /2
(
) 2Ω
( )
1
5.5– 2.8
+
1
2.8
⎛
⎝⎜
⎞
⎠⎟
35pF
(
) 500kHz
(
)=751mW
The loss in the bottom side MOSFET is:
PSYNC =
20V –1.5V
20V
• 30A
(
)
2 •
1+ 0.005
(
) 75°Cº−25°C
(
)
⎡⎣
⎤⎦•0.001Ω
=11.04W
Both MOSFETS have I2R losses while the PMAIN equation
includes an additional term for transition losses, which
are highest at high input voltages. CIN is chosen for an
RMS current rating of:
CIN Required IRMS = 34.2/12 • (3.3 • (12– 3.3))1/2 = 15A
COUT is chosen with an ESR of 0.006Ω for low output
ripple.Theoutputrippleincontinuousmodewillbehighest
at the maximum input voltage. The output voltage ripple
due to ESR is:
VORIPPLE = RESR • (∆IL) = 0.006Ω • 8.1 ≈ 48.6mV
ADDITIONAL DESIGN CHECKS
Tie FAULT0 and FAULT1 together and pull up to VDD33 with
a 10k resistor. Tie RUN0 and RUN1 together and pull up
to VDD33 with a 10k resistor.
If there are other ADI PSM parts, connect the RUN pins
between chips and connect the FAULT pins between chips.
Be sure all PMBus pins have resistor pull-up to VDD33
and connect these inputs across all ADI PSM parts in the
application.
Tie SHARE_CLK high with a 4.99k resistor to VDD33 and
sharebetweenallADIPSMpartsintheapplication.Besurea
uniqueaddressforeachchipcanbedecodedwiththeASEL0
and ASEL1 pins. Refer to Table 6. For maximum flexibility,
allow board space for RTOP and RBOTTOM for any parameter
that is set with resistors such as ASEL0 and ASEL1.
CONNECTING THE USB TO I2C/SMBus/PMBus
CONTROLLER TO THE LTC3884 IN SYSTEM
The ADI USB-to-I2C/SMBus/PMBus adapter (DC1613A or
equivalent) can be interfaced to the LTC3884 on the user’s
board for programming, telemetry and system debug.
The adapter, when used in conjunction with LTpowerPlay,
provides a powerful way to debug an entire power sys-
tem. Faults are quickly diagnosed using telemetry, fault
status commands and the fault log. The final configura-
tion can be quickly developed and stored to the LTC3884
EEPROM. Figure 42 illustrates the application schematic
for powering, programming and communication with one
or more LTC3884s via the ADI I2C/SMBus/PMBus adapter
regardless of whether or not system power is present. If
system power is not present the dongle will power the
LTC3884 through the VDD33 supply pin. To initialize the
part when VIN is not applied and the VDD33 pin is powered
use global address 0x5B command 0xBD data 0x2B fol-
lowed by address 0x5B command 0xBD data 0xC4.The
LTC3884 can now communicate with, and the project file
can be updated. To write the updated project file to the
NVM issue a STORE_USER _ALL command. When VIN is
applied, a MFR_RESET must be issued to allow the PWM
to be enabled and valid ADCs to be read.
Becauseoftheadapter’slimitedcurrentsourcingcapability,
only the LTC3884s, their associated pull-up resistors and
theI2Cpull-upresistorsshouldbepoweredfromtheORed
3.3V supply. In addition any device sharing the I2C bus
connectionswiththeLTC3884shouldnothavebodydiodes
between the SDA/SCL pins and their respective VDD node
because this will interfere with bus communication in the
absence of system power. If VIN is applied, the DC1613A
will not supply the power to the LTC3884s on the board. It
is recommended the RUNn pins be held low or no voltage
configuration resistors inserted to avoid providing power
to the load until the part is fully configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com