Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 53 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 53 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 49Page - Linear Technology LTM4677 Datasheet HTML 50Page - Linear Technology LTM4677 Datasheet HTML 51Page - Linear Technology LTM4677 Datasheet HTML 52Page - Linear Technology LTM4677 Datasheet HTML 53Page - Linear Technology LTM4677 Datasheet HTML 54Page - Linear Technology LTM4677 Datasheet HTML 55Page - Linear Technology LTM4677 Datasheet HTML 56Page - Linear Technology LTM4677 Datasheet HTML 57Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
LTC3884/LTC3884-1
53
3884fe
For more information www.linear.com/LTC3884
APPLICATIONS INFORMATION
to be exceeded. The INTVCC current, of which a large
percentage is due to the gate charge current, is supplied
from either the VIN or EXTVCC pin. If the LTC3884 internal
regulator is powered from the VIN pin, the power through
the IC is equal to VIN • IINTVCC. The gate charge current
is dependent on operating frequency as discussed in the
EfficiencyConsiderationssection.Thejunctiontemperature
can be estimated by using the equations in Note 2 of the
Electrical Characteristics. For example, at 70°C ambient,
the LTC3884 INTVCC current is limited to less than 44mA
from a 40V supply:
TJ = 70°C + 44mA • 40V • 31°C/W = 125°C
To prevent the maximum junction temperature from being
exceeded, the LTC3884 internal LDO can be powered from
the EXTVCC pin, providing significant system efficiency
improvement and thermal gains. If the EXTVCC pin is not
used to power INTVCC, the EXTVCC pin must be tied to
GND; do not float this pin. The VIN current resulting from
the gate driver and control circuitry will be reduced to a
minimumbysupplyingtheINTVCCcurrentfromtheEXTVCC:
VEXTVCC
VIN
⎛
⎝⎜
⎞
⎠⎟
1
Efficiency
⎛
⎝⎜
⎞
⎠⎟
Tying the EXTVCC pin to a 5.5V supply reduces the junc-
tion temperature in the previous example from 125°C to:
TJ = 70°C + 42mA • 5.5V • 31°C/W + 2mA • 40V • 31°C/W
= 80°C
Do not tie INTVCC on the LTC3884 to an external supply
because INTVCC will attempt to pull the external supply
high and hit current limit, significantly increasing the die
temperature.
For applications where VIN is less than 6V, tie the VIN and
INTVCC pins together to the supply voltage through a 1Ω
or 2.2Ω resistor as shown in Figure 32. To minimize the
voltage drop caused by the gate charge current a low ESR
capacitor must be connected to the VIN/INTVCC pins. This
configuration will override the INTVCC linear regulator and
will prevent INTVCC from dropping too low. Make sure the
INTVCC voltage exceeds the RDS(ON) test voltage for the
MOSFETs, which is typically 4.5V for logic level devices.
The UVLO on INTVCC is set to approximately 4V.
TOPSIDE MOSFET DRIVER SUPPLY (CB, DB)
Externalbootstrapcapacitors,CB,connectedtotheBOOSTn
pin supplies the gate drive voltages for the topside MOS-
FETs.CapacitorCBintheBlockDiagramischargedthrough
external diode DB from INTVCC when the SWn pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate source of the
desired MOSFET. This enhances the MOSFET and turns on
the topside switch. The switch node voltage, SWn, rises to
VINandtheBOOSTnpinfollows.WiththetopsideMOSFET
on, the boost voltage is above the input supply: VBOOST =
VIN + VINTVCC. The value of the boost capacitor, CB, needs
to be 100 times that of the total input capacitance of the
topsideMOSFET(s).Thereversebreakdownoftheexternal
Schottky diode must be greater than VIN(MAX).
PWM jitter has been observed in some designs operating
at higher VIN/VOUT ratios. This jitter does not substantially
affect the circuit accuracy. Referring to Figure 33, PWM
jitter can be removed by inserting a series resistor with a
value of 1Ω to 5Ω between the cathode of the diode and
the BOOSTn pin. A resistor case size of 0603 or larger is
recommended to reduce ESL and achieve the best results.
Figure 32. Setup for a 5V Input
Figure 33. Boost Circuit to Minimize PWM Jitter
RVIN
1Ω
CIN
3884 F32
5V
CINTVCC
4.7µF
+
INTVCC
LTC3884
PGND
VIN
VIN
TG
LTC3884
SW
DB
INTVCC
BOOST
CB
0.1µF
1 TO 5
VIN
CINTVCC
4.7µF
3884 F33
BG
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com