Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 89 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 89 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 85Page - Linear Technology LTM4677 Datasheet HTML 86Page - Linear Technology LTM4677 Datasheet HTML 87Page - Linear Technology LTM4677 Datasheet HTML 88Page - Linear Technology LTM4677 Datasheet HTML 89Page - Linear Technology LTM4677 Datasheet HTML 90Page - Linear Technology LTM4677 Datasheet HTML 91Page - Linear Technology LTM4677 Datasheet HTML 92Page - Linear Technology LTM4677 Datasheet HTML 93Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
LTC3884/LTC3884-1
89
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND DETAILS
In response to the OT_WARN_LIMIT being exceeded, the device:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Overtemperature Warning bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked
This command has two data bytes and is formatted in Linear_5s_11s format.
UT_FAULT_LIMIT
TheUT_FAULT_LIMITcommandsetsthevalueoftheexternalsensetemperaturemeasuredbytheADC,indegreesCelsius,
whichcausesanundertemperaturefault.TheREAD_TEMPERATURE_1valuewillbeusedtodetermineifthislimithasbeen
exceeded.
Note: If the temp sensors are not installed, the UT_FAULT_LIMIT can be set to –275°C and UT_FAULT_LIMIT response
set to ignore to avoid ALERT being asserted.
This command has two data bytes and is formatted in Linear_5s_11s format.
TIMING
Timing—On Sequence/Ramp
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
TON_DELAY
0x60
Time from RUN and/or Operation on to
output rail turn-on.
R/W Word
Y
L11
ms
Y
0.0
0x8000
TON_RISE
0x61
Time from when the output starts to
rise until the output voltage reaches the
VOUT commanded value.
R/W Word
Y
L11
ms
Y
8.0
0xD200
TON_MAX_FAULT_LIMIT
0x62
Maximum time from the start of TON_
RISE for VOUT to cross the VOUT_UV_
FAULT_LIMIT.
R/W Word
Y
L11
ms
Y
10.0
0xD280
VOUT_TRANSITION_RATE
0x27
Rate the output changes when VOUT
commanded to a new value.
R/W Word
Y
L11
V/ms
Y
0.25
0xAA00
TON_DELAY
The TON_DELAY command sets the time, in milliseconds, from when a start condition is received until the output
voltage starts to rise. Values from 0ms to 83 seconds are valid. The resulting turn-on delay will have a typical delay of
270µs for TON_DELAY = 0 and an uncertainty of ±50µs for all values of TON_DELAY.
This command has two data bytes and is formatted in Linear_5s_11s format.
TON_RISE
The TON_RISE command sets the time, in milliseconds, from the time the output starts to rise to the time the output
enters the regulation band. Values from 0 to 1.3 seconds are valid. The part will be in discontinuous mode during
TON_RISE events. If TON_RISE is less than 0.25ms, the LTC3884 digital slope will be bypassed and the output voltage
transition will only be controlled by the analog performance of the PWM switcher. The number of steps in TON_RISE
is equal to TON_RISE (in ms)/0.1ms with an uncertainty of ±0.1ms.
This command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com