Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 82 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 82 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 78Page - Linear Technology LTM4677 Datasheet HTML 79Page - Linear Technology LTM4677 Datasheet HTML 80Page - Linear Technology LTM4677 Datasheet HTML 81Page - Linear Technology LTM4677 Datasheet HTML 82Page - Linear Technology LTM4677 Datasheet HTML 83Page - Linear Technology LTM4677 Datasheet HTML 84Page - Linear Technology LTM4677 Datasheet HTML 85Page - Linear Technology LTM4677 Datasheet HTML 86Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
LTC3884/LTC3884-1
82
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND DETAILS
VIN_UV_WARN_LIMIT
The VIN_UV_WARN_LIMIT command sets the value of input voltage measured by the ADC that causes an input under-
voltage warning. This warning is disabled until the input exceeds the input startup threshold value set by the VIN_ON
command and the unit has been enabled. If the VIN Voltage drops below the VIN_OV_WARN_LIMIT the device:
• Sets the INPUT Bit Is the STATUS_WORD
• Sets the VIN Undervoltage Warning Bit in the STATUS_INPUT Command
• Notifies the Host by Asserting ALERT, unless Masked
VIN_ON
The VIN_ON command sets the input voltage, in Volts, at which the unit starts power conversion.
This command has two data bytes and is formatted in Linear_5s_11s format.
VIN_OFF
The VIN_OFF command sets the input voltage, in Volts, at which the unit stops power conversion.
This command has two data bytes and is formatted in Linear_5s_11s format.
MFR_RVIN
The MFR_RVIN command is used to set the resistance value of the VIN pin filter element in milliohms. (See also
READ_VIN). Set MFR_RVIN equal to 0 if no filter element is used.
This command has two data bytes and is formatted in Linear_5s_11s format.
Output Voltage and Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
VOUT_MODE
0x20
Output voltage format and exponent
(2–12).
R Byte
Y
Reg
2–12
0x14
VOUT_MAX
0x24
Upper limit on the output voltage
the unit can command regardless of
any other commands.
R/W
Word
Y
L16
V
Y
2.75
0x2C00
VOUT_OV_FAULT_ LIMIT
0x40
Output overvoltage fault limit.
R/W
Word
Y
L16
V
Y
1.1
0x119A
VOUT_OV_WARN_ LIMIT
0x42
Output overvoltage warning limit.
R/W
Word
Y
L16
V
Y
1.075
0x1133
VOUT_MARGIN_HIGH
0x25
Margin high output voltage set
point. Must be greater than VOUT_
COMMAND.
R/W
Word
Y
L16
V
Y
1.05
0x10CD
VOUT_COMMAND
0x21
Nominal output voltage set point.
R/W
Word
Y
L16
V
Y
1.0
0x1000
VOUT_MARGIN_LOW
0x26
Margin low output voltage set
point. Must be less than VOUT_
COMMAND.
R/W
Word
Y
L16
V
Y
0.95
0x0F33
VOUT_UV_WARN_ LIMIT
0x43
Output undervoltage warning limit.
R/W
Word
Y
L16
V
Y
0.925
0x0ECD
VOUT_UV_FAULT_ LIMIT
0x44
Output undervoltage fault limit.
R/W
Word
Y
L16
V
Y
0.9
0x0E66
MFR_VOUT_MAX
0xA5
Maximum allowed output voltage.
R Word
Y
L16
V
5.7
0x5B33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com