Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 46 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 46 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology LTM4677 Datasheet HTML 44Page - Linear Technology LTM4677 Datasheet HTML 45Page - Linear Technology LTM4677 Datasheet HTML 46Page - Linear Technology LTM4677 Datasheet HTML 47Page - Linear Technology LTM4677 Datasheet HTML 48Page - Linear Technology LTM4677 Datasheet HTML 49Page - Linear Technology LTM4677 Datasheet HTML 50Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
LTC3884/LTC3884-1
46
3884fe
For more information www.linear.com/LTC3884
APPLICATIONS INFORMATION
The Typical Application on the back page is a common
LTC3884 application circuit. The LTC3884 is mainly
designed for low DCR application via PMBus command
MFR_PWM_MODE[2] = 1 applicable when 0 ≤ VOUT ≤
3.5V, but it can be also configured to be regular DCR or
regular resistor sensing by setting MFR_PWM_MODE[2]
= 0 for 0≤ VOUT ≤ 5.5V. The choice among them is largely
a design trade-off between cost, power consumption and
accuracy. DCR sensing is becoming popular because it
saves expensive current sensing resistors and is more
power efficient, especially in high current applications.
Low DCR provides the most power efficient solution, and
best signal-to-noise ratio of the input sensing voltage.
The accuracy of the current reading and current limit
are typically limited by the accuracy of the DCR resistor
(accounted for in the IOUT_CAL_GAIN parameter of the
LTC3884). Thus current sensing resistors provide the
most accurate current sensing and limiting for the ap-
plication. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs are selected. Then the input and output
capacitors are selected. To have a stable loop performance
and reliability, the loop compensation parameters such
as GM of error amplifier programmed by MFR_PWM_
COMP[7:5] and RTH by MFR_PWM_ COMP[4:0] together
with current limit value and Voltage range set by bit 1 of
MFR_ PWM_MODE have to be properly selected. All other
programmable parameters do not affect the loop gain, al-
lowing parameters to be modified without impacting the
transient response to load changes.
CURRENT LIMIT PROGRAMMING
Thecycle-by-cyclecurrentlimitthresholdvoltage,VILIMIT,
across the ISENSEn+ and ISENSEn– pins is proportional to
VITH.TheVITHlimitcanbeprogrammedfrom1.45Vto2.2V
using the PMBUS command IOUT_OC_FAULT_LIMIT.
See Figure 26. The LTC3884 has four ranges of cur-
rent limit programming. Properly setting the value of
MFR_PWM_MODE[2] and MFR_PWM_MODE[7], and
IOUT_OC_FAULT_LIMIT, see the section of the PMBus
commands,thedevicecanregulateoutputvoltagewiththe
peak current under the value of IOUT_OC_FAULT_LIMIT
in normal operation. In case of output current exceeding
VITH (V)
0
100
80
60
40
20
0
–20
–40
1.5
2.5
0.5
1
2
3
3994 F26
MFR_PWM_MODE[2]=0
MFR_PWM_MODE[7]=1
MFR_PWM_MODE[2]=0
MFR_PWM_MODE[7]=0
MFR_PWM_MODE[2]=1
MFR_PWM_MODE[7]=1
MFR_PWM_MODE[2]=1
MFR_PWM_MODE[7]=0
RC =
L
DCR
RC =
L
5 •DCR
Figure 26. VITH vs VILIMIT
that current limit, an OC fault will be issued. Each range in
Figure 26 affects the loop gain, and subsequently affects
the loop stability, so setting range of current limiting is
a part of loop design.
The LTC3884 will account for the DCR of the inductor if
the device is configured for DCR sensing and automati-
cally updates the current limit as the inductor temperature
changes. The temperature coefficient of the DCR is stored
in the MFR_IOUT_TC register. The setting MFR_PWM_
MODE[2] = 1, MFR_PWM_MODE[7] = 0 allows for the use
of very low DCR inductors or sense resistors. In this mode,
thepeakoutputcurrentisupto16.5mV/DCRandrepresents
the application the LTC3884 is mainly designed for. Keep
in mind this operation is on a cycle-by-cycle basis and is
only a function of the peak inductor current. The average
inductor current is monitored by the ADC converter and
can provide a warning if too much average output current
is detected. The overcurrent fault is detected when the ITH
voltage hits the maximum value. The digital processor
within the LTC3884 provides the ability to either ignore
the fault, shut down and latch off or shut down and retry
indefinitely (hiccup). Refer to the overcurrent portion of
the Operation section for more details.
ISENSE0± AND ISENSE1± PINS
The ISENSE+ and ISENSE– pins are the inputs to the current
comparator and the A/D. The common mode input volt-
age range of the current comparators is 0V to 5.5V and
0V to 3.5V in low DCR mode. Both the SENSE pins are
high impedance inputs with small input currents typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com