Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 40 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 36Page - Linear Technology LTM4677 Datasheet HTML 37Page - Linear Technology LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology LTM4677 Datasheet HTML 41Page - Linear Technology LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology LTM4677 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
LTC3884/LTC3884-1
40
3884fe
For more information www.linear.com/LTC3884
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE PAGE
PAGE
0x00 Provides integration with multi-page PMBus
devices.
R/W Byte
N
Reg
0x00
73
OPERATION
0x01 Operating mode control. On/off, margin high
and margin low.
R/W Byte
Y
Reg
Y
0x80
77
ON_OFF_CONFIG
0x02 RUN pin and PMBus bus on/off command
configuration.
R/W Byte
Y
Reg
Y
0x1E
77
CLEAR_FAULTS
0x03 Clear any fault bits that have been set.
Send Byte
N
NA
102
PAGE_PLUS_WRITE
0x05 Write a command directly to a specified page.
W Block
N
69
PAGE_PLUS_READ
0x06 Read a command directly from a specified page. Block R/W
N
73
WRITE_PROTECT
0x10 Level of protection provided by the device
against accidental changes.
R/W Byte
N
Reg
Y
0x00
74
STORE_USER_ALL
0x15 Store user operating memory to EEPROM.
Send Byte
N
NA
113
RESTORE_USER_ALL
0x16 Restore user operating memory from EEPROM. Send Byte
N
NA
113
CAPABILITY
0x19 Summary of PMBus optional communication
protocols supported by this device.
R Byte
N
Reg
0xB0
101
SMBALERT_MASK
0x1B Mask ALERT activity
Block R/W
Y
Reg
Y
see CMD 103
VOUT_MODE
0x20 Output voltage format and exponent (2–12).
R Byte
Y
Reg
2–12
0x14
83
VOUT_COMMAND
0x21 Nominal output voltage set point.
R/W Word
Y
L16
V
Y
1.0
0x1000
84
VOUT_MAX
0x24 Upper limit on the commanded output voltage
including VOUT_MARGIN_HI.
R/W Word
Y
L16
V
Y
2.75
0x2C00
83
VOUT_MARGIN_HIGH
0x25 Margin high output voltage set point. Must be
greater than VOUT_COMMAND.
R/W Word
Y
L16
V
Y
1.05
0x10CD
84
VOUT_MARGIN_LOW
0x26 Margin low output voltage set point. Must be
less than VOUT_COMMAND.
R/W Word
Y
L16
V
Y
0.95
0x0F33
84
Table 2. Summary (Note: The Data Format abbreviations are detailed at the end of this table.)
PMBus COMMAND SUMMARY
PMBus COMMANDS
ThefollowingtableslistsupportedPMBuscommandsand
manufacturerspecificcommands.Acompletedescription
of these commands can be found in the “PMBus Power
System Mgt Protocol Specification – Part II – Revision
1.2”. Users are encouraged to reference this specification.
Exceptions or manufacturer specific implementations are
listed below in Table 2. Floating point values listed in the
“DEFAULT VALUE” column are either Linear 16-bit Signed
(PMBus Section 8.3.1) or Linear_5s_11s (PMBus Sec-
tion 7.1)format,whicheverisappropriateforthecommand.
All commands from 0xD0 through 0xFF not listed in this
table are implicitly reserved by the manufacturer. Users
should avoid blind writes within this range of commands
to avoid undesired operation of the part. All commands
from 0x00 through 0xCF not listed in this table are im-
plicitly not supported by the manufacturer. Attempting to
access non-supported or reserved commands may result
in a CML command fault event. All output voltage settings
and measurements are based on the VOUT_MODE setting
of 0x14. This translates to an exponent of 2–12.
If PMBus commands are received faster than they are be-
ing processed, the part may become too busy to handle
new commands. In these circumstances the part follows
the protocols defined in the PMBus Specification v1.2,
Part II, Section 10.8.7, to communicate that it is busy.
The part includes handshaking features to eliminate busy
errors and simplify error handling software while ensur-
ing robust communication and system behavior. Please
refer to the subsection titled PMBus Communication and
Command Processing in the Applications Information
section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com