Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 19Page - Linear Technology LTM4677 Datasheet HTML 20Page - Linear Technology LTM4677 Datasheet HTML 21Page - Linear Technology LTM4677 Datasheet HTML 22Page - Linear Technology LTM4677 Datasheet HTML 23Page - Linear Technology LTM4677 Datasheet HTML 24Page - Linear Technology LTM4677 Datasheet HTML 25Page - Linear Technology LTM4677 Datasheet HTML 26Page - Linear Technology LTM4677 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
LTC3884/LTC3884-1
23
3884fe
For more information www.linear.com/LTC3884
OPERATION
Aftertheparthasinitialized,anadditionalcomparatormoni-
tors VIN. The VIN_ON threshold must be exceeded before
the output power sequencing can begin. After VIN is initially
applied, the part will typically require 35ms to initialize and
begin the TON_DELAY timer. The readback of voltages and
currents may require an additional 0ms to 90ms.
SOFT-START
The method of start-up sequencing described below is time
based. The part must enter the run state prior to soft-start.
The run pins are released by the LTC3884 after the part is
initialized and VIN is greater than the VIN_ON threshold. If
multiple LTC3884s are used in an application, they all hold
their respective run pins low until all devices are initialized
and VIN exceeds the VIN_ON threshold for every device.
The SHARE_CLK pin assures all the devices connected to
the signal use the same time base. The SHARE_CLK pin is
held low until the part has been initialized after VIN is ap-
plied. The LTC3884 can be set to turn-off (or remain off)
if SHARE_CLK is low (set bit 2 of MFR_CHAN_CONFIG to
1). This allows the user to assure synchronization across
numerous ADI ICs even if the RUN pins cannot be con-
nected together due to board constraints. In general, if the
user cares about synchronization between chips it is best
not only to connect all the respective RUN pins together
but also to connect all the respective SHARE_CLK pins
together and pull up to VDD33 with a 10k resistor. This as-
sures all chips begin sequencing at the same time and use
the same time base.
After the RUN pins release and prior to entering a constant
output voltage regulation state, the LTC3884 performs a
monotonicinitialrampor“soft-start”.Soft-startisperformed
byactivelyregulatingtheloadvoltagewhiledigitallyramping
the target voltage from 0V to the commanded voltage set-
point. Once the LTC3884 is commanded to turn on (after
power up and initialization), the controller waits for the
user specified turn-on delay (TON_DELAY) prior to initiat-
ing this output voltage ramp. The rise time of the voltage
ramp can be programmed using the TON_RISE command
to minimize inrush currents associated with the start-up
voltage ramp. The soft-start feature is disabled by setting
the value of TON_RISE to any value less than 0.25ms. The
LTC3884PWMalwaysusesdiscontinuousmodeduringthe
TON_RISE operation. In discontinuous mode, the bottom
gate is turned off as soon as reverse current is detected in
the inductor. This will allow the regulator to start up into
a pre-biased load. When the TON_MAX_FAULT_LIMIT is
reached, the part transitions to continuous mode, if so
programmed. If TON_MAX_FAULT_LIMIT is set to zero,
there is no time limit and the part transitions to the desired
conduction mode after TON_RISE completes and VOUT has
exceeded the VOUT_UV_FAULT_LIMIT and IOUT_OC is
not present. However setting TON_MAX_FAULT_LIMIT to
a value of 0 is not recommended.
TIME-BASED SEQUENCING
The default mode for sequencing the outputs on and off is
timebased.EachoutputisenabledafterwaitingTON_DELAY
amount of time following either a RUN pin going high,
a PMBus command to turn on or the VIN rising above a
preprogrammed voltage. Off sequencing is handled in a
similar way. To assure proper sequencing, make sure all
ICs connect the SHARE_CLK pin together and RUN pins
together. If the RUN pins cannot be connected together
for some reasons, set bit 2 of MFR_CHAN_ CONFIG to 1.
This bit requires the SHARE_CLK pin to be clocking before
the power supply output can start. When the RUN pin is
pulled low, the LTC3884 will hold the pin low for the MFR_
RESTART_DELAY. The minimum MFR_RESTART_ DELAY
is TOFF_DELAY + TOFF_FALL + 136ms. This delay assures
proper sequencing of all rails. The LTC3884 calculates this
delayinternallyandwillnotprocessashorterdelay.However,
a longer commanded MFR_RESTART_DELAY will be used
by the part. The maximum allowed value is 65.52 seconds.
VOLTAGE-BASED SEQUENCING
The sequence can also be voltage based. As shown in
Figure3,ThePGOODnpinisassertedwhentheUVthreshold
isexceededforeachoutput.ItispossibletofeedthePGOOD
pin from one LTC3884 into the RUN pin of the next LTC3884
in the sequence, especially across multiple LTC3884s. The
PGOODnhasa60μsfilter.IftheVOUTvoltagebouncesaround
the UV threshold for a long period of time it is possible for
the PGOODn output to toggle more than once. To minimize
this problem, set the TON_RISE time under 100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com