Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 32Page - Linear Technology LTM4677 Datasheet HTML 33Page - Linear Technology LTM4677 Datasheet HTML 34Page - Linear Technology LTM4677 Datasheet HTML 35Page - Linear Technology LTM4677 Datasheet HTML 36Page - Linear Technology LTM4677 Datasheet HTML 37Page - Linear Technology LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
LTC3884/LTC3884-1
36
3884fe
For more information www.linear.com/LTC3884
OPERATION
SDA
SCL
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
tr
tf
tr
tf
tHIGH
3884 F07
Table 1. Abbreviations of Supported Data Formats
PMBus
TERMINOLOGY
SPECIFICATION
REFERENCE
ADI
TERMINOLOGY DEFINITION
EXAMPLE
L11 Linear
Part II ¶7.1
Linear_5s_1s Floating point 16-bit data: value = Y • 2N,
where N = b[15:1] and Y = b[10:0], both
two’s compliment binary integers.
b[15:0] = 0x9807 = 10011_000_0000_0111
value = 7 • 2–13 = 854E-6
L16 Linear VOUT_MODE
Part II ¶8.2
Linear_16u
Floating point 16-bit data: value = Y • 2–12,
where Y = b[15:0], an unsigned integer.
b[15:0] = 0x4C00 = 0100_1100_0000_0000
value = 19456 • 2–12 = 4.75
CF
DIRECT
Part II ¶7.2
Varies
16-bit data with a custom format
defined in the detailed PMBus command
description.
Often an unsigned or two’s compliment
integer.
Reg register bits
Part II ¶10.3
Reg
Per-bit meaning defined in detailed PMBus
command description.
PMBus STATUS_BYTE command.
ASC text characters
Part II ¶22.2.1
ASCII
ISO/IEC 8859-1 [A05]
LTC (0x4C5443)
Figure 7. Timing Diagram
Figures 8-25 illustrate the aforementioned PMBus pro-
tocols. All transactions support PEC and GCP (group
command protocol). The Block Read supports 255 bytes
of returned data. For this reason, the PMBus timeout may
be extended when reading the fault log.
Figure 8 is a key to the protocol diagrams in this section.
PEC is optional.
A value shown below a field in the following figures is
mandatory value for that field.
The data formats implemented by PMBus are:
n
Master transmitter transmits to slave receiver. The
transfer direction in this case is not changed.
n
Master reads slave immediately after the first byte. At
the moment of the first acknowledgment (provided by
the slave receiver) the master transmitter becomes a
master receiver and the slave receiver becomes a slave
transmitter.
n
Combined format. During a change of direction within
a transfer, the master repeats both a start condition and
the slave address but with the R/W bit reversed. In this
case, the master receiver terminates the transfer by
generating a NACK on the last byte of the transfer and
a STOP condition.
Refer to Figure 8 for a legend.
Handshakingfeaturesareincludedtoensurerobustsystem
communication.PleaserefertothePMBusCommunication
and Command Processing subsection of the Applications
Information section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com