Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 33 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 29Page - Linear Technology LTM4677 Datasheet HTML 30Page - Linear Technology LTM4677 Datasheet HTML 31Page - Linear Technology LTM4677 Datasheet HTML 32Page - Linear Technology LTM4677 Datasheet HTML 33Page - Linear Technology LTM4677 Datasheet HTML 34Page - Linear Technology LTM4677 Datasheet HTML 35Page - Linear Technology LTM4677 Datasheet HTML 36Page - Linear Technology LTM4677 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
LTC3884/LTC3884-1
33
3884fe
For more information www.linear.com/LTC3884
OPERATION
is pulled low and the IIN_OC_WARN bit is asserted in the
STATUS_INPUT command.
The digital processor within the LTC3884 provides the
ability to ignore the fault, shut down and latch off or shut
down and retry indefinitely (hiccup). The retry interval
is set in MFR_RETRY_ DELAY and can be from 120ms
to 83.88 seconds in 1ms increments. The shutdown for
OV/UV and OC can be done immediately or after a user
selectable deglitch time.
Output Overvoltage Fault Response
A programmable overvoltage comparator (OV) guards
against transient overshoots as well as long-term over-
voltages at the output. In such cases, the top MOSFET is
turned off and the bottom MOSFET is turned on. However,
the reverse output current is monitored while device is in
OV fault. When it reaches the limit, both top and bottom
MOSFETs are turned off. The top and bottom MOSFETs will
keep their state until the overvoltage condition is cleared
regardless of the PMBus VOUT_OV_FAULT_RESPONSE
command byte value. This hardware level fault response
delay is typically 2μs from the overvoltage condition to BG
asserted high. Using the VOUT_OV_FAULT_RESPONSE
command,theusercanselectanyofthefollowingbehaviors:
n
OV Pull-Down Only (OV Cannot Be Ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY
Either the Latch Off or Retry fault responses can be de-
glitched in increments of (0-7) • 10μs. See Table 7.
Output Undervoltage Response
The response to an undervoltage comparator output can
be the following:
n
Ignore
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY.
The UV responses can be deglitched. See Table 8.
Peak Output Overcurrent Fault Response
Due to the current mode control algorithm, peak output
currentacrosstheinductorisalwayslimitedonacycle-by-
cycle basis. The value of the peak current limit is specified
in sense voltage in the EC table. The current limit circuit
operatesbylimitingtheITHmaximumvoltage.IfDCRsens-
ing is used, the ITH maximum voltage has a temperature
dependency directly proportional to the TC of the DCR
of the inductor. The LTC3884 automatically monitors the
external temperature sensors and modifies the maximum
allowed ITH to compensate for this term.
The overcurrent fault processing circuitry can execute the
following behaviors:
n
Current Limit Indefinitely
n
Shut Down Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY.
Theovercurrentresponsescanbedeglitchedinincrements
of (0-7) • 16ms. See Table 9
RESPONSES TO TIMING FAULTS
TON_MAX_FAULT_LIMIT is the time allowed for VOUT to
rise and settle at start-up. The TON_MAX_FAULT_LIMIT
condition is predicated upon detection of the VOUT_UV_
FAULT_LIMIT as the output is undergoing a SOFT_START
sequence. The TON_MAX_ FAULT_LIMIT time is started
after TON_DELAY has been reached and a SOFT_START
sequence is started. The resolution of the TON_MAX_
FAULT_LIMIT is 10μs. If the VOUT_UV_FAULT _LIMIT
is not reached within the TON_MAX_FAULT_LIMIT time,
the response of this fault is determined by the value of
the TON_MAX_FAULT_RESPONSE command value. This
response may be one of the following:
n
Ignore
n
Shut Down (Stop Switching) Immediately—Latch Off
n
ShutDownImmediately—RetryIndefinitelyattheTime
Interval Specified in MFR_RETRY_DELAY.
This fault response is not deglitched. A value of 0 in
TON_MAX_FAULT_LIMIT means the fault is ignored. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com