Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 41 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 37Page - Linear Technology LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology LTM4677 Datasheet HTML 41Page - Linear Technology LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology LTM4677 Datasheet HTML 44Page - Linear Technology LTM4677 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
LTC3884/LTC3884-1
41
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE PAGE
VOUT_TRANSITION_
RATE
0X27 Rate the output changes when VOUT
commanded to a new value.
R/W Word
Y
L11
V/ms
Y
0.25
0xAA00
90
FREQUENCY_SWITCH
0x33 Switching frequency of the controller.
R/W Word
N
L11
kHz
Y
425k
0xFB52
81
VIN_ON
0x35 Input voltage at which the unit should start
power conversion.
R/W Word
N
L11
V
Y
6.5
0xCB40
82
VIN_OFF
0x36 Input voltage at which the unit should stop
power conversion.
R/W Word
N
L11
V
Y
6.0
0xCB00
82
IOUT_CAL_GAIN
0x38 The ratio of the voltage at the current sense
pins to the sensed current. For devices using a
fixed current sense resistor, it is the resistance
value in mΩ.
R/W Word
Y
L11
mΩ
Y
0.32
0xAA8F
85
VOUT_OV_FAULT_LIMIT
0x40 Output overvoltage fault limit.
R/W Word
Y
L16
V
Y
1.1
0x119A
83
VOUT_OV_FAULT_
RESPONSE
0x41 Action to be taken by the device when an output
overvoltage fault is detected.
R/W Byte
Y
Reg
Y
0xB8
92
VOUT_OV_WARN_LIMIT
0x42 Output overvoltage warning limit.
R/W Word
Y
L16
V
Y
1.075
0x1133
83
VOUT_UV_WARN_LIMIT
0x43 Output undervoltage warning limit.
R/W Word
Y
L16
V
Y
0.925
0x0ECD
84
VOUT_UV_FAULT_LIMIT
0x44 Output undervoltage fault limit.
R/W Word
Y
L16
V
Y
0.9
0x0E66
84
VOUT_UV_FAULT_
RESPONSE
0x45 Action to be taken by the device when an output
undervoltage fault is detected.
R/W Byte
Y
Reg
Y
0xB8
93
IOUT_OC_FAULT_LIMIT
0x46 Output overcurrent fault limit.
R/W Word
Y
L11
A
Y
45.0
0xE2D0
86
IOUT_OC_FAULT_
RESPONSE
0x47 Action to be taken by the device when an output
overcurrent fault is detected.
R/W Byte
Y
Reg
Y
0x00
95
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
Y
35.0
0xE230
87
OT_FAULT_LIMIT
0x4F External overtemperature fault limit.
R/W Word
Y
L11
C
Y
100.0
0xEB20
88
OT_FAULT_RESPONSE
0x50 Action to be taken by the device when an
external overtemperature fault is detected,
R/W Byte
Y
Reg
Y
0xB8
97
OT_WARN_LIMIT
0x51 External overtemperature warning limit.
R/W Word
Y
L11
C
Y
85.0
0xEAA8
88
UT_FAULT_LIMIT
0x53 External undertemperature fault limit.
R/W Word
Y
L11
C
Y
–40.0
0xE580
89
UT_FAULT_RESPONSE
0x54 Action to be taken by the device when an
external undertemperature fault is detected.
R/W Byte
Y
Reg
Y
0xB8
97
VIN_OV_FAULT_LIMIT
0x55 Input supply overvoltage fault limit.
R/W Word
N
L11
V
Y
15.5
0xD3E0
81
VIN_OV_FAULT_
RESPONSE
0x56 Action to be taken by the device when an input
overvoltage fault is detected.
R/W Byte
Y
Reg
Y
0x80
92
VIN_UV_WARN_LIMIT
0x58 Input supply undervoltage warning limit.
R/W Word
N
L11
V
Y
6.3
0xCB26
82
IIN_OC_WARN_LIMIT
0x5D Input supply overcurrent warning limit.
R/W Word
N
L11
A
Y
10.0
0xD280
87
TON_DELAY
0x60 Time from RUN and/or Operation on to output
rail turn-on.
R/W Word
Y
L11
ms
Y
0.0
0x8000
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com