Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 22Page - Linear Technology LTM4677 Datasheet HTML 23Page - Linear Technology LTM4677 Datasheet HTML 24Page - Linear Technology LTM4677 Datasheet HTML 25Page - Linear Technology LTM4677 Datasheet HTML 26Page - Linear Technology LTM4677 Datasheet HTML 27Page - Linear Technology LTM4677 Datasheet HTML 28Page - Linear Technology LTM4677 Datasheet HTML 29Page - Linear Technology LTM4677 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
LTC3884/LTC3884-1
26
3884fe
For more information www.linear.com/LTC3884
OPERATION
EachtopMOSFETdriverisbiasedfromthefloatingbootstrap
capacitor,CB,whichnormallyrechargesduringeachoffcycle
through an external diode when the bottom MOSFET turns
on. If the input voltage VIN decreases to a voltage close to
VOUT, the loop may enter dropout and attempt to turn on
thetopMOSFETcontinuously.Thedropoutdetectordetects
this and forces the top MOSFET off for about one-twelfth
of the clock period plus 100ns every three cycles to allow
CB to recharge. However, it is recommended that a load
be present or the IC operates at low frequency during the
drop-out transition to ensure CB is recharged.
OUTPUT CURRENT SENSING AND SUB MILLIOHM
DCR CURRENT SENSING
ForDCRcurrentsenseapplications,aresistorinserieswith
a capacitor is placed across the inductor. In this configu-
ration, the resistor is tied to the FET side of the inductor
while the capacitor is tied to the load side of the inductor
as shown in Figure 4. If the RC values are chosen such that
the RC time constant matches the inductor time constant
(L/DCR, where DCR is the inductor series resistance), the
resultantvoltageappearingacrossthecapacitorequalsthe
voltage across the inductor series resistance (VDCR) and
thus represents the current flowing through the inductor.
In addition to this regular current sensing, the LTC3884
employs a unique architecture to enhance the signal-to-
noiseratioby14dB,enablingittooperatewithasmallsense
signal(aslowas2mV)viaasub-milliohmvalueofinductor
DCR (such as 0.2mΩ) to improve the power efficiency for
the heavy load applications while VOUT ≤ 3.5V. As shown
in Figure 4, externally the new architecture only requires
reducing R by 4/5, i.e., RLOWDCR = 1/5Rnomdcr. Better
signal-to-noise ratio helps to reduce jitter at the output
with as low as 2mV sensing signal. Low DCR improves
power efficiency in heavy system loads. So the new DCR
sensing scheme provides a perfect solution for larger
power, and noise sensitive systems. In the meantime, the
current limit threshold is still a function of the inductor
peak current and its DCR value, and can be accurately set
with the MFR_PWM_MODE[2], MFR_PWM_MODE[7].
See Figure 26.
The RC calculations are based on the room temperature
DCR of the inductor. The RC time constant should remain
constant as a function of temperature. This assures the
transient response of the circuit is the same regardless
of the temperature. The DCR of the inductor has a large
LTC3884 + POWER STAGE
ITH1
ITHR0
ITHR1
ITH0
1/2 LTC3884 + POWER STAGE
ITH0
VDD33
NOTE: SOME CONNECTORS
AND COMPONENTS OMITTED
FOR CLARITY
BOTH CHIPS HAVE THE INTERNAL
FREQUENCY COMMAND SET TO THE
SAME DESIRED PWM FREQUENCY
ISENSE0+
ISENSE0–
VSENSE0+
VSENSE0–
10k
FAULT0
RUN0
RUN1
ALERT
FAULT1
SYNC (ENABLED)
SHARE_CLK
VDD33
RUN0
ALERT
FAULT0
SYNC (DISABLED)
SHARE_CLK
ISENSE0+
ISENSE0–
ISENSE1+
ISENSE1–
VSENSE1+
VSENSE1–
SGND
PGND
SGND
GND
1µF
3884 F04
VSENSE0+
VSENSE0–
1µF
LOAD
10k
10k
4.99k
10k
RUN
SHARE_CLK
ALERT
FAULT
SYNC
L/DCR
R
R
C
C
R
C
L/DCR
L/DCR
Figure 4. Load Sharing Connections for 3-Phase Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com