Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 20Page - Linear Technology LTM4677 Datasheet HTML 21Page - Linear Technology LTM4677 Datasheet HTML 22Page - Linear Technology LTM4677 Datasheet HTML 23Page - Linear Technology LTM4677 Datasheet HTML 24Page - Linear Technology LTM4677 Datasheet HTML 25Page - Linear Technology LTM4677 Datasheet HTML 26Page - Linear Technology LTM4677 Datasheet HTML 27Page - Linear Technology LTM4677 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
LTC3884/LTC3884-1
24
3884fe
For more information www.linear.com/LTC3884
OPERATION
If a fault in the string of rails is detected, only the faulted
rail and downstream rails will fault off. The rails in the
string of devices in front of the faulted rail will remain on
unless commanded off.
SHUTDOWN
The LTC3884 supports two shutdown modes. The first
mode is closed-loop shutdown response, with user de-
fined turn-off delay (TOFF_DELAY) and ramp down rate
(TOFF_FALL). The controller will maintain the mode of
operation for TOFF_FALL. The second mode is discontinu-
ous conduction mode, the controller will not draw current
from the load and the fall time will be set by the output
capacitance and load current, instead of TOFF_FALL.
The shutdown occurs in response to a fault condition or
loss of SHARE_CLK (if bit 2 of MFR_CHAN_ CONFIG is set
to a 1) or VINfallingbelowtheVIN_OFFthresholdorFAULT
pulled low externally (if the MFR_FAULT_ RESPONSE is
set to inhibit). Under these conditions the power stage
is disabled in order to stop the transfer of energy to the
load as quickly as possible. The shutdown state can be
entered from the soft-start or active regulation states or
through user intervention.
Therearetwowaystorespondtofaults;whichareretrymode
andlatchedoffmode.Inretrymode,thecontrollerresponds
to a fault by shutting down and entering the inactive state
foraprogrammabledelaytime(MFR_RETRY_DELAY).This
delayminimizesthedutycycleassociatedwithautonomous
retriesifthefaultthatcausestheshutdowndisappearsonce
the output is disabled. The retry delay time is determined
by the longer of the MFR_RETRY_ DELAY command or
the time required for the regulated output to decay below
12.5% of the programmed value. If multiple outputs are
controlled by the same FAULT
n pin, the decay time of the
faultedoutputdeterminestheretrydelay.Ifthenaturaldecay
time of the output is too long, it is possible to remove the
voltagerequirementoftheMFR_RETRY_DELAYcommand
by asserting bit 0 of MFR_CHAN_CONFIG. Alternatively,
latched off mode means the controller remains latched-off
followingafaultandclearingrequiresuserinterventionsuch
as toggling RUNn or commanding the part OFF then ON.
LIGHT-LOAD CURRENT OPERATION
The LTC3884 has two modes of operation: high efficiency
discontinuous conduction mode or forced continuous
conduction mode. Mode selection is done using the
MFR_PWM _MODE command (discontinuous conduc-
tion is always the start-up mode, forced continuous is the
default running mode).
If a controller is enabled for discontinuous operation, the
inductorcurrentisnotallowedtoreverse.Thereversecurrent
comparator’s output, IREV, turns off the bottom gate of the
external MOSFET just before the inductor current reaches
zero, preventing it from reversing and going negative.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined solely
by the voltage on the ITH pin. In this mode, the efficiency at
light loads is lower than in discontinuous mode operation.
However, continuous mode exhibits lower output ripple
and less interference with audio circuitry, but may result in
reverseinductorcurrent,whichcancausetheinputsupply
to boost. The VIN_OV_FAULT_LIMIT can detect this and
turn off the offending channel. However, this fault is based
on an ADC read and can take up to tCONVERT to detect. If
there is a concern about the input supply boosting, keep
the part in discontinuous conduction mode.
If the part is set to discontinuous mode operation, as the
inductor average current increases, the controller will
automatically modify the operation from discontinuous
mode to continuous mode.
LTC3884
Voltage-Based Sequencing by Cascading PGs Into RUN Pins
RUN 1
RUN 0
PGOOD0
PGOOD1
PGOOD0
PGOOD1
START
LTC3884
3884 F03
RUN 0
TO NEXT CHANNEL
IN THE SEQUENCE
RUN 1
Figure 3. Event (Voltage) Based Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com