Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 28Page - Analog Devices SSM3525 Datasheet HTML 29Page - Analog Devices SSM3525 Datasheet HTML 30Page - Analog Devices SSM3525 Datasheet HTML 31Page - Analog Devices SSM3525 Datasheet HTML 32Page - Analog Devices SSM3525 Datasheet HTML 33Page - Analog Devices SSM3525 Datasheet HTML 34Page - Analog Devices SSM3525 Datasheet HTML 35Page - Analog Devices SSM3525 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 32 of 60
BOOTSTRAP CAPACITORS
The output stage of the SSM3525 uses a high-side N-channel
metal-oxide semiconductor (NMOS) driver, rather than a
P-channel metal-oxide semiconductor (PMOS) driver. To generate
the gate drive voltage for the high-side NMOS, a bootstrap
capacitor for each output terminal acts as a floating power supply
for the switching cycle. Use 0.22 μF capacitors to connect the
appropriate output pin (OUT±) to the bootstrap pin (BST±). For
example, connect a 0.22 μF capacitor between OUT+ and BST+
for bootstrapping the OUT+ pin. Similarly, connect another 0.22
μF capacitor between the OUT− and BST− pins for the OUT−
pin.
POWER SUPPLY DECOUPLING
To ensure high efficiency, low THD, and high PSRR, proper
power supply decoupling is necessary. Noise transients on the
power supply lines are short duration voltage spikes. These spikes
can contain frequency components that extend into the hundreds
of megahertz. The power supply input must be decoupled with
a low equivalent series inductance (ESL) and a low equivalent
series resistance (ESR) bulk capacitor larger than 220 µF. For high
frequency decoupling, place 1 µF capacitors as close as possible to
the PVDD pins of the device.
OUTPUT EMI FILTERING
Additional EMI filtering may be required when the speaker
traces and cables are long and present a significant capacitive
load that can create additional draw from the amplifier. Typical
power ferrites present a significant magnetic hysteresis cycle
that affects THD performance and are not recommended for
high performance designs. The NFZ series ferrite beads from
Murata are recommended. These ferrite beads provide a closed
hysteresis loop similar to an air coil with minimum impact on
performance. The ferrite beads with output current rating ≥4 A
rms, are recommended for this application. A 220 pF capacitor
can be added between the output of the filter and ground to
further attenuate high frequencies. Ensure the capacitor is
properly sized so as not to affect idle power consumption or
efficiency.
PCB COMPONENT PLACEMENT
Component selection and placement have great influence on
system performance, both measured and subjective. Proper
PVDD layout and decoupling is necessary to reach the specified
level of performance, particularly at the highest power levels.
The placement shown in Figure 79 ensures proper output stage
decoupling for each channel, for minimum supply noise and
maximum separation between channels. Additional bulk de-
coupling is necessary to reduce current ripple at low frequencies,
and can be shared between several amplifiers in a multichannel
solution.
PVDD DECOUPLING CAPACITOR
BST+ 0.22µF CAPACITOR
BST+ 0.22µF CAPACITOR
AVDD DECOUPLING CAPACITOR
IOVDD DECOUPLING CAPACITOR
Figure 79. Recommended Component Placement {should PVDD, AVDD, and IOVDD be AVDD, PVDD, IOVDD?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com