Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 49 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 49 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 45Page - Analog Devices SSM3525 Datasheet HTML 46Page - Analog Devices SSM3525 Datasheet HTML 47Page - Analog Devices SSM3525 Datasheet HTML 48Page - Analog Devices SSM3525 Datasheet HTML 49Page - Analog Devices SSM3525 Datasheet HTML 50Page - Analog Devices SSM3525 Datasheet HTML 51Page - Analog Devices SSM3525 Datasheet HTML 52Page - Analog Devices SSM3525 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
SSM3525
Rev. A | Page 49 of 60
PDM CONTROL REGISTER
Address: 0x21, Reset: 0x00, Name: PDM_CTRL
PDM Input and Output Mode
1: PDM us ed for input and output.
0: Norm al I2S/TDM operation.
PDM Sam ple Rate Selection
1: 2 MHz to 3 MHz clock in PDM m ode.
0: 4 MHz to 6 MHz clock in PDM m ode.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] PDM_MODE (R/W)
[4] PDM_FS (R/W)
[3:1] RESERVED
Table 43. Bit Descriptions for PDM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
PDM_FS
PDM Sample Rate Selection
0x0
R/W
0
4 MHz to 6 MHz clock in PDM mode.
1
2 MHz to 3 MHz clock in PDM mode.
[3:1]
RESERVED
Reserved.
0x0
R
0
PDM_MODE
PDM Input and Output Mode
0x0
R/W
0
Normal I2S/TDM operation.
1
PDM used for input and output.
SERIAL INTERFACE CONTROL 1 REGISTER
Address: 0x22, Reset: 0x21, Name: SAI_CTRL1
Drive Control for Unus ed BCLK Cycles
1:
are driven low.
Unus ed BCLK cycles on SDATAO
0:
are not driven (high-Z)
Unus ed BCLK cycles on SDATAO
Serial Interface Mode Selection
1: TDM/PCM m odes .
0: Stereo m odes (I2S or left jus tified)
Num ber of Bit Clocks per Chip in
TDM Mode
100: 64 BCLKs per Chip in TDM.
011: 48 BCLKs per Chip in TDM.
010: 32 BCLKs per Chip in TDM.
001: 24 BCLKs per Chip in TDM.
000: 16 BCLKs per Chip in TDM.
Serial Data Form at
1:
edge.
Left Jus tified/no delay from FSYNC
0:
edge.
I2S/delay by one bit clock from FSYNC
BCLK Polarity Control
1: Falling edge of BCLK regis ters SDATA.
0: Ris ing edge of BCLK regis ters SDATA.
FSYNC Mode Control
1:
m odes .
m odes or 50% FSYNC m ode in TDM
High FSYNC is left channel in s tereo
0:
TDM m odes .
m odes or puls ed FSYNC m ode in
Low FSYNC is left channel in s tereo
0
1
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[7] SAI_DRV (R/W)
[0] SAI_MODE (R/W)
[6:4] TDM_BCLKS (R/W)
[1] SDATA_FMT (R/W)
[3] BCLK_POL (R/W)
[2] FSYNC_MODE (R/W)
Table 44. Bit Descriptions for SAI_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
SAI_DRV
Drive Control for Unused BCLK Cycles
0x0
R/W
0
Unused BCLK cycles on SDATAO are not driven (high-Z).
1
Unused BCLK cycles on SDATAO are driven low.
[6:4]
TDM_BCLKS
Number of Bit Clocks per Chip in TDM Mode. Any number of bit clock cycles per
FSYNC can be used in stereo modes (I2S or left justified) or in TDM mode with only
one chip. When in TDM mode and having multiple chips on the TDM bus, the
number of bit clocks per chip must be defined.
0x2
R/W
000
16 BCLKs per chip in TDM.
001
24 BCLKs per chip in TDM.
010
32 BCLKs per chip in TDM.
011
48 BCLKs per chip in TDM.
100
64 BCLKs per chip in TDM.
3
BCLK_POL
BCLK Polarity Control
0x0
R/W
0
Rising edge of BCLK registers SDATA.
1
Falling edge of BCLK registers SDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com