Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 20Page - Analog Devices SSM3525 Datasheet HTML 21Page - Analog Devices SSM3525 Datasheet HTML 22Page - Analog Devices SSM3525 Datasheet HTML 23Page - Analog Devices SSM3525 Datasheet HTML 24Page - Analog Devices SSM3525 Datasheet HTML 25Page - Analog Devices SSM3525 Datasheet HTML 26Page - Analog Devices SSM3525 Datasheet HTML 27Page - Analog Devices SSM3525 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 24 of 60
POWER-DOWN MODES
The SSM3525 can be powered down by several methods.
Setting the SPWDN bit to 1 in Register 0x20 fully powers down
the device except for the I2C interface. Individual blocks can
also be powered on or off via the block level power-down
controls.
For lowest power shutdown, the SSM3525 also contains a clock
loss detection circuit that monitors the BCLK input clock.
When no BCLK is present, the device automatically powers
down all internal circuitry to its lowest power state. When
BCLK returns, the device automatically powers up following its
usual power sequence.
There is an optional auto power-down feature when using
I2S/TDM: the device enters a lower power state when 2048
consecutive zero input samples are received. The device auto-
matically powers back up from this state once a single nonzero
value sample is received. Only the I2C and digital audio input
blocks are active.
OUTPUT CURRENT SENSING
The SSM3525 uses an integrated sense resistor (50 mΩ typical)
to determine the output current flowing to the load. The voltage
across this sense resistor is proportional to the load current and
sent to a 1-bit ADC running nominally at 128 × fs. The sense
voltage can be output in I2S/TDM format in I2S/TDM mode or via
the PDM interface in PDM mode. The output of this ADC can
also be downsampled using digital filtering. The data is 16 bits,
twos complement and in signed fraction format. This
downsampled signal is at an 8 kHz to 192 kHz sample rate. It
can be output on the SDATAO pin.
To set a different sample rate for both current and voltage
sensing, use the SNS_FS bit in Register 0x05.
OUTPUT VOLTAGE SENSING
The output voltage level is monitored at the OUT± pins and
sent to a 1-bit analog to digital converter running nominally at
128 × fs. This can be output in PDM format in PDM mode or
via the PDM interface in PDM mode. The output of this ADC is
can also be downsampled using digital filtering. This
downsampled signal at 8 kHz to 192 kHz sample rate is output
on the digital audio interface. The data is 16 bits twos
complement and in signed fraction format. It can be output on
the SDATAO pin.
TEMPERATURE SENSOR
The SSM3525 contains an 8-bit ADC that measures the die
temperature of the device and is enabled via the TEMP_PWDN bit
in Register 0x20. After the sensor is enabled, the temperature
sense value can be read via the I2C in Register 0x12 in an 8-bit,
unsigned format.
The ADC input range is fixed internally from −60°C to +195°C.
To convert the hexadecimal value to the temperature (Celsius)
value, use the following steps:
1. Convert the hexadecimal value to decimal and then
subtract 60. For example, if the hexadecimal value is 0x54,
the decimal value is 84.
2. Calculate the temperature using the following equation:
Temperature = Decimal Value − 60
3. With a decimal value of 84, Temperature = 84 − 60 = 24°C
PCM DIGITAL AUDIO SERIAL INTERFACE
The SSM3525 includes a standard serial audio interface that is
slave only and used when in I2C mode. The interface is capable
of receiving and transmitting I2S, left justified, pulse code
modulated (PCM), or TDM formatted data.
There is an input interface for sending audio to the DAC and
amplifier and an output interface for the sense, temperature,
and automatic gain control (AGC) gain data. These interfaces
share the same FSYNC and BCLK signals.
Provide a BCLK signal to the SSM3525 for correct operation. The
BCLK signal must have a minimum frequency of 2.048 MHz.
The BCLK signal internally clocks the device. The BCLK rate is
auto detected, but the sampling frequency must be known to
the device. At the 32 kHz to 48 kHz sample rate, the supported
BCLK rates are 50, 64, 100, 128, 150, 192, 200, 250, 256, 384,
400, 500, 512, 768, 800, and 1024 times the sample rate.
The serial interfaces have three main operating modes. Stereo
modes, typically I2S or left justified, are used when there are one
or two chips on the interface bus. TDM modes are more flexible
and can support up to 32 chips on the bus. These mode selections
can be set via the I2C interface with the SAI_MODE bit.
The SAI_DRV bit setting determines the state of the SDATAO
pin during the unused bit clock cycles. When the SAI_DRV bit
is set to 1, the SDATAO pin is driven to logic low or not driven
(high-Z) when set to 0. If using multiple chips on the serial
interface bus, SAI_DRV bit must be set to 0.
STEREO (I2S/LEFT JUSTIFIED) OPERATING MODE
Stereo modes use both edges of the FSYNC signal to determine
placement of data. Stereo mode is enabled when SAI_MODE =
0 and the I2S or left justified format is determined by the
SDATA_FMT bit.
The I2S or left justified formats accepts any number of BCLK
cycles per FSYNC cycle.
The six placement control registers (Address 0x24 to Address 0x29)
determine placement of input and output data. Odd numbered
placement control registers determine the order on the left channel
and even number on the right channel.
Sample rates from 8 kHz to 192 kHz are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com