Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 30Page - Analog Devices SSM3525 Datasheet HTML 31Page - Analog Devices SSM3525 Datasheet HTML 32Page - Analog Devices SSM3525 Datasheet HTML 33Page - Analog Devices SSM3525 Datasheet HTML 34Page - Analog Devices SSM3525 Datasheet HTML 35Page - Analog Devices SSM3525 Datasheet HTML 36Page - Analog Devices SSM3525 Datasheet HTML 37Page - Analog Devices SSM3525 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 34 of 60
The timing of a single word read operation is shown in Figure 83.
The first R/W bit is 0, indicating a write operation followed by
the subaddress of the register to be read. After the SSM3525
acknowledges the receipt of the subaddress, the master must issue
a repeated start command followed by the chip address byte with
the R/W set to 1 (read). The SSM3525 acknowledges and puts
8-bit data on the SDA pin. The master then responds every
ninth pulse with an acknowledge pulse to the SSM3525.
Figure 81 through Figure 84 use the following abbreviations:
•
S is the start bit
•
P is the stop bit
•
AM is the acknowledge by master
•
AS is the acknowledge by slave
Table 19. I2C Device Address Byte Format Using the ADDR Pin1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
0
0
1
X
X
R/W
1
X means don’t care.
Table 20. ADDR Pin to I2C Device Address Mapping
ADDR Pin
ADDR Voltage
I2C Address Bit 2
I2C Address Bit 1
GND
GND
0
0
Pull-Down 47 kΩ Resistor
0.25 × IOVDD
0
1
Open
0.5 × IOVDD
1
0
Pull-Up 47 kΩ Resistor
0.75 × IOVDD
1
1
IOVDD
IOVDD
Not applicable
Not applicable
ACK
ACK
SDA
(CONTINUED)
FRAME 3
DATA BYTE 1
FRAME 4
DATA BYTE 2
STOP BY
MASTER
SCK
(CONTINUED)
ACK
R/W
ACK
SDA
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
SUBADDRESS BYTE
START BY
MASTER
SCK
Figure 80. I2C Read/Write Timing
START
BIT
I2C ADDRESS
(7 BITS)
SUBADDRESS
(8 BITS)
R/W= 0
ACK BY
SLAVE
ACK BY
SLAVE
DATA BYTE 1
(8 BITS)
STOP
BIT
Figure 81. Single Word I2C Write Format
S
CHIP ADDRESS,
R/W = 0
SUBADDRESS
AS
AS
DATA
WORD 2
DATA
WORD 1
AS
AS
P
Figure 82. Burst Mode I2C Write Format
S
CHIP ADDRESS,
R/W = 0
SUBADDRESS
AS
AS
S
CHIP ADDRESS,
R/W = 1
DATA
BYTE 1
DATA
BYTE N
AS
AM
P
Figure 83. Single Word I2C Read Format
S
CHIP ADDRESS,
R/W = 0
SUBADDRESS
AS
S
CHIP ADDRESS,
R/W = 1
DATA
WORD 1
AS
AS
AM
P
Figure 84. Burst Mode I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com