Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 41 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 41 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 37Page - Analog Devices SSM3525 Datasheet HTML 38Page - Analog Devices SSM3525 Datasheet HTML 39Page - Analog Devices SSM3525 Datasheet HTML 40Page - Analog Devices SSM3525 Datasheet HTML 41Page - Analog Devices SSM3525 Datasheet HTML 42Page - Analog Devices SSM3525 Datasheet HTML 43Page - Analog Devices SSM3525 Datasheet HTML 44Page - Analog Devices SSM3525 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Data Sheet
SSM3525
Rev. A | Page 41 of 60
AUDIO LIMITER CONTROL 1 REGISTER
Address: 0x08, Reset: 0xA4, Name: LIM_CTRL1
Audio Lim iter Releas e Rate
11: 800 m s /dB.
10: 1200 m s /dB.
01: 1600 m s /dB.
00: 3200 m s /dB.
Lim iter or Mute Mode Enable
11:
is below VBAT_INF.
Lim iter on but only engages if VBAT
10: Output m utes if VBAT is below VBAT_INF
01: Lim iter on.
00: Lim iter and m ute m ode off.
Audio Lim iter Attack Rate
11: 20 µs /dB.
10: 30 µs /dB.
01: 60 µs /dB.
00: 120 µs /dB.
Thres hold Battery Tracking Enable
1:
gain reduction with battery voltage.
Lim iter attack thres hold varies or
0: Lim iter attack thres hold fixed.
0
0
1
0
2
1
3
0
4
0
5
1
6
0
7
1
[7:6] LIM_RRT (R/W)
[1:0] LIM_EN (R/W)
[5:4] LIM_ATR (R/W)
[2] VBAT_TRACK (R/W)
[3] RESERVED
Table 30. Bit Descriptions for LIM_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT
Audio Limiter Release Rate
0x2
R/W
00
3200 ms/dB.
01
1600 ms/dB.
10
1200 ms/dB.
11
800 ms/dB.
[5:4]
LIM_ATR
Audio Limiter Attack Rate
0x2
R/W
00
120 µs/dB.
01
60 µs/dB.
10
30 µs/dB.
11
20 µs/dB.
3
RESERVED
Reserved.
0x0
R
2
VBAT_TRACK
Threshold Battery Tracking Enable
0x1
R/W
0
Limiter attack threshold fixed.
1
Limiter attack threshold varies or gain reduction with battery voltage.
[1:0]
LIM_EN
Limiter or Mute Mode Enable
0x0
R/W
00
Limiter and mute mode off.
01
Limiter on.
10
Output mutes if VBAT is below VBAT_INF.
11
Limiter on but only engages if VBAT is below VBAT_INF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com