Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 2Page - Analog Devices SSM3525 Datasheet HTML 3Page - Analog Devices SSM3525 Datasheet HTML 4Page - Analog Devices SSM3525 Datasheet HTML 5Page - Analog Devices SSM3525 Datasheet HTML 6Page - Analog Devices SSM3525 Datasheet HTML 7Page - Analog Devices SSM3525 Datasheet HTML 8Page - Analog Devices SSM3525 Datasheet HTML 9Page - Analog Devices SSM3525 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 6 of 60
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SHUTDOWN CONTROL
Turn-On Time
tWU
I2S mode
10
ms
Turn-Off Time
tSD
500
µs
Output Impedance
ZOUT
100
kΩ
NOISE PERFORMANCE1
Output Voltage Noise
en
f = 20 Hz to 20 kHz, A weighted, PVDD = 12 V
37.5
µV rms
f = 20 Hz to 20 kHz, A weighted, PVDD = 17 V
48
µV rms
Signal-to-Noise Ratio
SNR
POUT = 8.2 W, RL= 8 Ω, A weighted, PVDD = 12 V
107
dB
POUT = 31 W, RL= 4 Ω, A weighted, PVDD = 17 V
107
dB
OUTPUT SENSING
Output Sampling Rate
(TDM)
fs
FSYNC pulse rate
8
192
KHz
PDM Gain Mapping
Voltage to current (V/I) sense PDM output with full-scale
input
0.71
FS
Voltage Sense Signal-to-
Noise Ratio
SNRV
85
dB
Voltage Sense Full-Scale
VFS
Output voltage at 0 dBFS output from ADC
±18
VPEAK
Voltage Sense Absolute
Accuracy
Temperature = 0°C to 70° C, output >−40 dBFS
±1.5
%
Voltage Sense Gain Drift
Temperature = 0°C to 70° C, output >−40 dBFS
0.5
%
Current Sense SNR
SNRI
74
dB
Current Sense Full-Scale
ISENSE,FS
Peak current with 0 dBFS output from ADC
6.96
APEAK
Current Sense Absolute
Accuracy
Temperature = 0°C to 70° C, output >−40 dBFS
±2
%
Current Sense Gain Drift
Temperature = 0°C to 70° C, output >−40 dBFS
±0.5
%
Voltage Sense over Current
Sense Ratio Drift
Temperature = 0°C to 70° C, output >−40 dBFS
±0.5
%
PVDD Sense Full-Scale
Range
PVFS
PVDD with full-scale ADC output
4
18
V
PVDD Sense Absolute
Accuracy
Temperature = 0°C to 70°C
3
LSBs
Current and Voltage
Sense Linearity
From −40 dBr to 0 dBr
±0.5
dB
1
The noise performance minimum and maximum limits are based on the bench data for −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com