Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 24Page - Analog Devices SSM3525 Datasheet HTML 25Page - Analog Devices SSM3525 Datasheet HTML 26Page - Analog Devices SSM3525 Datasheet HTML 27Page - Analog Devices SSM3525 Datasheet HTML 28Page - Analog Devices SSM3525 Datasheet HTML 29Page - Analog Devices SSM3525 Datasheet HTML 30Page - Analog Devices SSM3525 Datasheet HTML 31Page - Analog Devices SSM3525 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 28 of 60
The VBAT supply voltage at which the limiter threshold level
begins to decrease the output level is determined by the VBAT
inflection point, the VBAT_INF bits (Register 0x0A, Bits[7:0]).
The VBAT_INF point is defined as the battery voltage at which
the limiter either activates or deactivates depending on the
LIM_EN mode (see Table 18). When the battery voltage is
greater than VBAT_INF, the limiter is not active. When the
battery voltage is less than VBAT_INF, the limiter is activated.
The VBAT_INF bits can be set from 4 V to 18 V. The 8-bit value
for the voltage can be calculated using the following equation:
Voltage = 4 + 14 × Decimal Value/255
Convert the decimal value to an 8-bit hexadecimal value and
use it to set the VBAT_INF bits.
The rate at which the limiter threshold is lowered relative to
the amount of change in VBAT below the VBAT_INF point is
determined by the slope bits (Register 0x09, Bits[1:0]).
The slope is the ratio of the limiter threshold reduction to the
VBAT voltage reduction.
Slope = ∆Limiter Threshold/∆VBAT
The slope ratio can be set from 1:1 to 4:1. This function is useful
to prevent early shutdown under low battery conditions. As the
VBAT voltage falls, the limiter threshold is lowered. The limiter
reduces the output level, therefore helping reduce the current
drawn from the battery and preventing early shutdown due to low
VBAT.
The limiter offers various active modes, which can be set using the
LIM_EN bits (Register 0x08, Bits[1:0]) and the VBAT_TRACK bit,
as shown in Table 18.
When LIM_EN = 01, the limiter is enabled. When LIM_EN = 10,
the limiter mutes the output if VBAT falls below VBAT_INF. When
LIM_EN = 11, the limiter engages only when the battery voltage
is lower than VBAT_INF.
When VBAT is above VBAT_INF, no limiting occurs. There is
hysteresis around VBAT_INF for the limiter disengaging.
The limiter, when active, reduces the gain of the amplifier. The rate
of gain reduction or attack rate is determined by the LIM_ATR bits
(Register 0x08, Bits[5:4]). Similarly, when the signal level drops
below the limiter threshold, the gain is restored. The gain release
rate is determined by the LIM_RRT bits (Register 0x08, Bits[7:6]).
INPUT LEVEL
AMPLIFIER CLIPPING LEVEL
LIM_EN = 00
VBAT_TRACK = 0
Figure 70. Limiter Example (LIM_EN = 0b00, VBAT_TRACK = 0bx)
VBAT
LIM_THRES
LIMITER THRESHOLD FIXED AT SET VALUE
AND DOES NOT TRACK VBAT
Figure 71. Limiter Fixed (LIM_EN = 0b01, VBAT_TRACK = 0b0)
Table 18. Limiter Modes
LIM_EN
VBAT_TRACK
Limiter
VBAT < VBAT_INF
VBAT > VBAT_INF
Comments
00
0 or 1
No
Not applicable
Not applicable
See Figure 70
01
0
Fixed
Use the set threshold
Use the set threshold
See Figure 71
01
1
Variable
Lowers the threshold
Use the set threshold
See Figure 72 and Figure 73
10
0 or 1
Fixed
Mutes the output
Use the set threshold
Not applicable
11
0
Fixed
Use the set threshold
No limiting
See Figure 74 and Figure 75
11
1
Variable
Lowers the threshold
No limiting
See Figure 76 and Figure 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com