Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 60 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 60 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 52Page - Analog Devices SSM3525 Datasheet HTML 53Page - Analog Devices SSM3525 Datasheet HTML 54Page - Analog Devices SSM3525 Datasheet HTML 55Page - Analog Devices SSM3525 Datasheet HTML 56Page - Analog Devices SSM3525 Datasheet HTML 57Page - Analog Devices SSM3525 Datasheet HTML 58Page - Analog Devices SSM3525 Datasheet HTML 59Page - Analog Devices SSM3525 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 60 of 60
OUTLINE DIMENSIONS
A
B
C
D
E
0.560
0.500
0.440
2.260
2.220
2.180
2.380
2.340
2.300
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.300
0.260
0.220
1.60
REF
0.40
BSC
0.37
REF
0.31
REF
SEATING
PLANE
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.04
BALL A1
IDENTIFIER
Figure 85. 23-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-23-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM3525BCBZRL
−40°C to +85°C
23-Ball Wafer Level Chip Scale Package [WLCSP]
CB-23-2
EVAL-SSM3525Z
SSM3525 Evaluation Board
1
Z = RoHs Compliant Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16190-0-5/18(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com