Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 22Page - Analog Devices SSM3525 Datasheet HTML 23Page - Analog Devices SSM3525 Datasheet HTML 24Page - Analog Devices SSM3525 Datasheet HTML 25Page - Analog Devices SSM3525 Datasheet HTML 26Page - Analog Devices SSM3525 Datasheet HTML 27Page - Analog Devices SSM3525 Datasheet HTML 28Page - Analog Devices SSM3525 Datasheet HTML 29Page - Analog Devices SSM3525 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 26 of 60
P1
8 BITS/16 BITS/24 BITS
BCLK
FSYNC
DAC_SDATAI
P3
P2
P4
Figure 66. Basic Timing Diagram of Placements in I2S Stream
VOLTAGE
16 BCLKs
16 BCLKs
BATTERY
CURRENT
DAC INPUT
8 BCLKs
BCLK
FSYNC
DAC_SDATAI
DAC_SDATAO
Figure 67. Standard I2S Data Placement Timing Diagram
DAC DATA 1
I
1
VSENSE 1
BCLK
FSYNC
DAC_SDATAI
DAC_SDATAO
24
16
16
32 BCLKS
DAC DATA 2
ISENSE 2
Figure 68. TDM Serial Interface Format
Table 13. 8-Bit Status Sense Output Format (STATUS Register)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
UVLO_VREG
UVLO_PVDD
LIM_EG
CLIP
AMP_OC
OTF
OTW
BAT_WARN
Table 14. 8-Bit V/I Marker and Status Sense Output Format (STATUS Register)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
1 = VSENSE, 0 = ISENSE
UVLO_PVDD
LIM_EG
CLIP
AMP_OC
OTF
OTW
BAT_WARN
I
V
SDATA
FSYNC
BCLK
I
V
I
V
I
V
I
V
I
V
I
Figure 69. SDATA Output in PDM Mode
PDM OPERATING MODE
By setting the PDM_MODE bit in Register 0x21 to 1, the 1-bit
PDM data from the sense ADCs can be output directly on
SDATAO, and the DAC can be driven with 1-bit PDM data on
SDATAI. In this case, a 2.048 MHz to 6.144MHz CLK must be
provided on the BCLK pin.
PDM input data is latched on both edges of the clock. The
FSYNC pin state determines which channel (left or right) is
sent to the DAC.
Table 15. FSYNC Settings for PDM Mode
SDATA Input
FSYNC Pin Configuration
Use L Channel Data
Connect to IOVDD
Use R Channel Data
Connect to GND
PDM data is output on both edges of the clock. The current
sense ADC data is output when BCLK is high, and the voltage
sense ADC data is output when BCLK is low. Refer to Table 12
and Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com