Electronic Components Datasheet Search
  English  ▼

X  

SSM3525 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM3525
Description  30 W, Filterless, Class D, Output Sensing Audio Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3525 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM3525 Datasheet HTML 18Page - Analog Devices SSM3525 Datasheet HTML 19Page - Analog Devices SSM3525 Datasheet HTML 20Page - Analog Devices SSM3525 Datasheet HTML 21Page - Analog Devices SSM3525 Datasheet HTML 22Page - Analog Devices SSM3525 Datasheet HTML 23Page - Analog Devices SSM3525 Datasheet HTML 24Page - Analog Devices SSM3525 Datasheet HTML 25Page - Analog Devices SSM3525 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
SSM3525
Data Sheet
Rev. A | Page 22 of 60
TYPICAL APPLICATION CIRCUITS
BCLK
FSYNC
SDATAI
OUT+
OUT–
VREG/AVDD
+5V (AVDD)
IOVDD
AGND
PVDD
PGND
SCL
SDA
SDATAO
ADDR
I2C
I2C
TDM
I2S
INPUT/
OUTPUT
VOLUME
DAC
FULL
BRIDGE
POWER
STAGE
Σ-Δ
CLASS-D
MODULATOR
BST–
BST+
SSM3525
+1.8V (DVDD)
+1.8V
I2S/TDM
SEE THE ADDR PIN SETUP AND CONTROL SECTION
R1
2.2kΩ
R2
2.2kΩ
C1
2.2µF
C3
1µF
C5
0.22µF
C6
0.22µF
C8
220pF
C7
220pF
+4.5V TO +17V
PVDD
4Ω/8Ω
FB1
FB2
OPTIONAL
FB1/FB2: MURATA FERRITE BEAD NFZ2MSM181
C6
470µF
C5
10µF
C4
0.1µF
REG
AVDD
PVDD
C2
0.1uF
ISENSE
VSENSE
Figure 64. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com