Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 4 Page - Sanken electric

Part # SIM6800M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6800M Datasheet(HTML) 4 Page - Sanken electric

  SIM6800M Datasheet HTML 1Page - Sanken electric SIM6800M Datasheet HTML 2Page - Sanken electric SIM6800M Datasheet HTML 3Page - Sanken electric SIM6800M Datasheet HTML 4Page - Sanken electric SIM6800M Datasheet HTML 5Page - Sanken electric SIM6800M Datasheet HTML 6Page - Sanken electric SIM6800M Datasheet HTML 7Page - Sanken electric SIM6800M Datasheet HTML 8Page - Sanken electric SIM6800M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
4
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
1.
Absolute Maximum Ratings
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); current coming
out of the IC (sourcing) is negative
current (−).
Unless specifically noted, TA = 25 °C, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Rating
Unit
Remarks
Main Supply Voltage (DC)
VDC
VBB–LSx
400
V
SIM681xM
450
SIM682xM
SIM6880M
Main Power Voltage (Surge)
VDC(SURGE)
VBB–LSx
450
V
SIM681xM
500
SIM682xM
SIM6880M
IGBT / Power MOSFET
Breakdown Voltage
VDSS
VCC = 15 V,
ID = 1 µA, VIN = 0 V
500
V
SIM681xM
VCES
VCC = 15 V,
IC = 1 mA, VIN = 0 V
600
SIM682xM
SIM6880M
Logic Supply Voltage
VCC
VCCx–COM
20
V
VBS
VB1B–U,
VB2–V,
VB3–W1
20
Output Current
( 1)
IO
TC = 25 °C, Tj < 150 °C
2
A
SIM6811M
2.5
SIM6812M
3
SIM6813M
SIM6880M
5
SIM6822M
SIM6827M
Output Current (Pulse)
IOP
TC = 25 °C,
VCC = 15 V,
PW ≤ 1 ms,
single pulse
3
A
SIM6811M
3.75
SIM6812M
4.5
SIM6813M
SIM6880M
7.5
SIM6822M
SIM6827M
Input Voltage
VIN
HINx–COM,
LINx–COM
− 0.5 to 7
V
FO Pin Voltage
VFO
FO–COM
−0.5 to 7
V
OCP Pin Voltage
VOCP
OCP–COM
−10 to 5
V
SD Pin Voltage
VSD
SD–COM
−0.5 to 7
V
Operating Case
Temperature
( 2)
TC(OP)
−30 to 100
°C
Junction Temperature
( 3)
Tj
150
°C
Storage Temperature
Tstg
−40 to 150
°C
Isolation Voltage
( 4)
VISO(RMS)
Between surface of the
case and each pin; AC,
60 Hz, 1 min
1500
V
(1) Should be derated depending on an actual case temperature. See Section 15.4.
(2) Refers to a case temperature measured during IC operation.
(3) Refers to the junction temperature of each chip built in the IC, including the controller IC (MIC), transistors, and fast
recovery diodes.
(4) Refers to voltage conditions to be applied between the case and all pins. All pins have to be shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com